Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5086 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments TAS5086 Datasheet HTML 10Page - Texas Instruments TAS5086 Datasheet HTML 11Page - Texas Instruments TAS5086 Datasheet HTML 12Page - Texas Instruments TAS5086 Datasheet HTML 13Page - Texas Instruments TAS5086 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
DETAILED DESCRIPTION
POWER SUPPLY
CLOCK, ERROR RATE DETECTION, AND PLL
OSCILLATOR TRIM
TAS5086
SLES131C – FEBRUARY 2005 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
The TAS5086 power-supply section contains regulators that provide analog and digital regulated power for
various sections of the TAS5086. The analog supply supports the analog PLL while digital supplies support the
digital PLL, the digital audio processor, the pulse width modulator, and the output control (reclocker). The
power-supply section is enabled via VREG_EN.
This module provides the timing and serial data interface for the TAS5086.
The TAS5086 is a clock slave device. It accepts MCLK, SCLK, and LRCLK.
The TAS5086 supports 64-fS MCLK for the 176.4-kHz and 192-kHz data rates.
The TAS5086 accepts a 64-fS SCLK rate for all MCLK ratios and a 48-fS SCLK rate for MCLK ratios of 192 fS
and 384 fS.
TAS5086 checks to verify that SCLK is a specific value of 64 fS or 48 fS.
The TAS5086 supports a 1-fS LRCLK.
The timing relationship of these clocks to SDIN[1:4] and SDOUT is shown in subsequent sections.
The clock section uses MCLK or the internal oscillator clock (when MCLK is unstable or absent) to produce a
196-MHz PLL output.
The TAS5086 can auto-detect and set the internal clock control logic to the appropriate settings for the
frequencies of 32 kHz, normal speed (44.1 or 48 kHz), double speed (88.2 kHz or 96 kHz), and quad speed
(176.4 kHz or 192 kHz). The automatic sample rate detection can be disabled and the values set via I2C.
The TAS5086 also supports an AM interference-avoidance mode during which the clock rate is adjusted, in
concert with the PWM sample rate converter, to produce a PWM output at 7-fS, 8-fS, or 9-fS.
The sample rate must be set manually during AM interference avoidance and when de-emphasis is enabled.
The TAS5086 uses an internal oscillator time base to provide reference timing information for the following
functions:
• MCLK, SCLK, and LRCLK error detection
• I2C communication when power is first applied to the device
• Automatic data-rate detection and setting (32 kHz, normal, double, and quad speed)
• Automatic MCLK rate detection and setting (64, 128, 192, 256, 384, and 512 f
S)
The TAS5086 PWM processor contains an internal oscillator for PLL reference. This reduces system cost
because an external reference is not required. After each power up or reset, a oscillator trim is needed; see the
Oscillator Trim Register (0x1B) section for a detailed procedure.
10
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com