Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP142 Datasheet(PDF) 17 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments TDP142 Datasheet HTML 17Page - Texas Instruments TDP142 Datasheet HTML 18Page - Texas Instruments TDP142 Datasheet HTML 19Page - Texas Instruments TDP142 Datasheet HTML 20Page - Texas Instruments TDP142 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
TDP142
www.ti.com
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.6 Register Maps
8.6.1 General Register (address = 0x0A) [reset = 00000001]
Figure 11. General Registers
7
6
5
4
3
2
1
0
Reserved
SWAP_HPDIN
EQ_OVERRID
E
HPDIN_OVRRI
DE
Reserved.
CTLSEL[1:0].
R
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6. General Registers
Bit
Field
Type
Reset
Description
7:6
Reserved
R
00
Reserved.
5
SWAP_HPDIN
R/W
0
0 – HPDIN is in default location (Default)
1 – HPDIN location is swapped (PIN 23 to PIN 32, or PIN 32 to
PIN 23).
4
EQ_OVERRIDE
R/W
0
Setting of this field will allow software to use EQ settings from
registers instead of value sample from pins.
0 – EQ settings based on sampled state of the EQ pins
(DPEQ[1:0]).
1 – EQ settings based on programmed value of each of the EQ
registers
3
HPDIN_OVRRIDE
R/W
0
0 – HPD based on state of HPDIN pin (Default)
1 – HPD high.
2
Reserved
R/W
0
Reserved.
1:0
CTLSEL[1:0]
R/W
01
Upon power-on, software must write 2'b10 to enable DisplayPort
functionality. If DisplayPort functionality is not required, then
software must write 2'b00 to disable DisplayPort.
00 - Shutdown. DP disabled and lowest power state.
01 - DP disabled but not in lowest power state.
10 - DP enabled
11 - Reserved.
8.6.2 DisplayPort Control/Status Registers (address = 0x10) [reset = 00000000]
Figure 12. DisplayPort Control/Status Registers (0x10)
7
6
5
4
3
2
1
0
DP1EQ_SEL
DP0EQ_SEL
R/W/U
R/W/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7. DisplayPort Control/Status Registers (0x10)
Bit
Field
Type
Reset
Description
7:4
DP1EQ_SEL
R/W/U
0000
Field selects between 0 to 14dB of EQ for DP lane 1. When
EQ_OVERRIDE = 1’b0, this field reflects the sampled state of
DPEQ[1:0] pins. When EQ_OVERRIDE = 1’b1, software can
change the EQ setting for DP lane 1 based on value written to
this field.
3:0
DP0EQ_SEL
R/W/U
0000
Field selects between 0 to 14dB of EQ for DP lane 0. When
EQ_OVERRIDE = 1’b0, this field reflects the sampled state of
DPEQ[1:0] pins. When EQ_OVERRIDE = 1’b1, software can
change the EQ setting for DP lane 0 based on value written to
this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com