Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP142 Datasheet(PDF) 7 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
TDP142
www.ti.com
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.7 AC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DisplayPort Transmitter (OUTDP[3:0]p or OUTDP[3:0]n)
VTX(DIFF-PP)
Transmitter dynamic differential voltage swing range.
1500
mVPP
VTX(RCV-DETECT)
Amount of voltage change allowed during receiver detection
600
mV
VTX(CM-AC-PP-ACTIVE)
Tx AC common-mode voltage active
Max mismatch from Txp + Txn for both
time and amplitude
100
mVPP
VTX(IDLE-DIFF-AC-PP)
AC electrical idle differential peak-to-
peak output voltage
At package pins
0
10
mV
VTX(IDLE-DIFF-DC)
DC electrical idle differential output
voltage
At package pins after low pass filter to
remove AC component
0
14
mV
RTX(DIFF)
Differential impedance of the driver
75
120
Ω
CAC(COUPLING)
AC coupling capacitor
75
265
nF
RTX(CM)
Common-mode impedance of the
driver
Measured with respect to AC ground
over
0–500 mV
18
30
Ω
CTX(PARASITIC)
TX input capacitance for return loss
At package pins, at 2.5GHz
1.25
pF
RLTX(DIFF)
Differential return loss
50 MHz – 1.25 GHz at 90 Ω
-15
dB
2.5 GHz at 90 Ω
-12
dB
RLTX(CM)
Common-mode return loss
50 MHz – 2.5 GHz at 90 Ω
-13
dB
ITX(SHORT)
TX short circuit current
TX± shorted to GND
67
mA
VTX(DC-CM)
Common-mode voltage bias in the transmitter (DC)
0
0
V
AC Characteristics
Crosstalk
Differential crosstalk between TX and
RX signal pairs
at 2.5 GHz
–30
dB
C(P1dB-LF)
Low frequency 1-dB compression
point
at 100 MHz, 200 mVPP < VID
< 2000 mVPP
1300
mVPP
C(P1dB-HF)
High frequency 1-dB compression
point
at 2.5 GHz, 200 mVPP < VID
< 2000 mVPP
1300
mVPP
fLF
Low frequency cutoff
200 mVPP< VID < 2000 mVPP
20
50
kHz
TX output deterministic jitter
200 mVPP < VID < 2000 mVPP, PRBS7,
5 Gbps
0.05
UIpp
200 mVPP < VID < 2000 mVPP, PRBS7,
8.1 Gbps
0.08
UIpp
TX output total jitter
200 mVPP < VID < 2000 mVPP, PRBS7,
5 Gbps
0.08
UIpp
200 mVPP < VID < 2000 mVPP, PRBS7,
8.1 Gbps
0.135
UIpp
DisplayPort Receiver (INDP[3:0]p or INDP[3:0]n)
VID(PP)
Peak-to-peak input differential dynamic voltage range
2000
V
VIC
Input common mode voltage
0
2
V
C(AC)
AC coupling capacitance
75
200
nF
EQ(DP)
Receiver equalization
DPEQ[1:0] at 4.05 GHz
14
dB
dR
Data rate
HBR3
8.1
Gbps
R(ti)
Input termination resistance
80
100
120
Ω
AUXp or AUXn
V(AUXP_DC_CM)
AUX Channel DC common mode
voltage for AUXp
VCC = 3.3 V
0
0.4
V
V(AUXN_DC_CM)
AUX Channel DC common mode
voltage for AUXn
VCC = 3.3 V
2.7
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com