Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP142 Datasheet(PDF) 6 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
TDP142
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.5 Power Supply Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCC(ACTIVE--DP)
Average active power
4 Lane DP Only
Four active DP lanes operating at
8.1 Gbps;
DPEN = H; TEST2 = L;
660
mW
PCC(NC)
Average power with no connection
No device is connected
2.4
mW
PCC(SHUTDOWN)
Device Shutdown
DPEN = L; TEST2 = L; I2C_EN = 0;
0.85
mW
6.6 DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4-State CMOS Inputs(DPEQ[1:0], I2C_EN)
IIH
High level input current
VCC = 3.6 V; VIN = 3.6 V
20
80
µA
IIL
Low level input current
VCC = 3.6 V; VIN = 0 V
–160
-40
µA
4-Level VTH
Threshold 0 / R
VCC = 3.3 V
0.55
V
Threshold R/ Float
VCC = 3.3 V
1.65
V
Threshold Float / 1
VCC = 3.3 V
2.7
V
RPU
Internal pull-up resistance
35
kΩ
RPD
Internal pull-down resistance
95
kΩ
2-State CMOS Input (DPEN, Test1, Test2, SNOOPENZ, HPDIN) DPEN, TEST1 and TEST2 are Failsafe.
VIH
High-level input voltage
2
3.6
V
VIL
Low-level input voltage
0
0.8
V
RPD
Internal pull-down resistance for DPEN
500
k
Ω
R(ENPD)
Internal pull-down resistance for
SNOOPENZ (pin 29), and HPDIN (pin
32)
150
k
Ω
IIH
High-level input current
VIN = 3.6 V
–25
25
µA
IIL
Low-level input current
VIN = GND, VCC = 3.6 V
–25
25
µA
I2C Control Pins SCL, SDA
VIH
High-level input voltage
I2C_EN = 0
0.7 x V(I2C)
3.6
V
VIL
Low-level input voltage
I2C_EN = 0
0
0.3 x V(I2C)
V
VOL
Low-level output voltage
I2C_EN = 0; IOL = 3 mA
0
0.4
V
IOL
Low-level output current
I2C_EN = 0; VOL = 0.4 V
20
mA
II(I2C)
Input current on SDA pin
0.1 x V(I2C) < Input voltage < 3.3 V
–10
10
µA
CI(I2C)
Input capacitance
10
pF
C(I2C_FM+_BUS)
I2C bus capacitance for FM+ (1MHz)
150
pF
C(I2C_FM_BUS)
I2C bus capacitance for FM (400kHz)
150
pF
R(EXT_I2C_FM+)
External resistors on both SDA and SCL
when operating at FM+ (1MHz)
C(I2C_FM+_BUS) = 150 pF
620
820
910
Ω
R(EXT_I2C_FM)
External resistors on both SDA and SCL
when operating at FM (400kHz)
C(I2C_FM_BUS) = 150 pF
620
1500
2200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com