Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP2104
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP2104 Datasheet HTML 1Page - Renesas Technology Corp HIP2104 Datasheet HTML 2Page - Renesas Technology Corp HIP2104 Datasheet HTML 3Page - Renesas Technology Corp HIP2104 Datasheet HTML 4Page - Renesas Technology Corp HIP2104 Datasheet HTML 5Page - Renesas Technology Corp HIP2104 Datasheet HTML 6Page - Renesas Technology Corp HIP2104 Datasheet HTML 7Page - Renesas Technology Corp HIP2104 Datasheet HTML 8Page - Renesas Technology Corp HIP2104 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FN8276 Rev.2.0
Page 1 of 30
Feb 25, 2021
© 2013 Renesas Electronics
HIP2103, HIP2104
60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
Datasheet
The HIP2103 and HIP2104 are half-bridge drivers
designed for applications using DC motors, 3-phase
brushless DC motors, or other similar loads.
The two inputs (HI and LI) independently control the
high-side driver (HO) and the low-side driver (LO). HI
and LI can be configured to enable/disable the device,
which lowers the number of connections to a
microcontroller and the cost.
The low IDD bias current in the Sleep Mode prevents
battery drain when the device is not in use, which
eliminates the need for an external switch to
disconnect the driver from the battery.
Integrated pull-down resistors on all of the inputs (LI,
HI, VDen, and VCen) reduce the need for external
resistors. An active low resistance pull-down on the
LO output ensures that the low-side bridge FET
remains off during the Sleep Mode or when VDD is
below the Undervoltage Lockout (UVLO) threshold.
The HIP2104 has a 12V linear regulator and a 3.3V
linear regulator with separate enable pins. The 12V
regulator provides internal bias for VDD and the 3.3V
regulator provides bias for an external microcontroller
(and/or other low voltage ICs), which eliminates the
need for discrete LDOs or DC/DC converters.
Features
• 60V maximum bootstrap supply voltage
• 3.3V and 12V LDOs with dedicated enable pins
(HIP2104)
• 5µA sleep mode quiescent current
•VDD undervoltage lockout
• 3.3V or 5V CMOS compatible inputs with hysteresis
• Integrated bootstrap FET (replaces traditional boot
strap diode)
• HIP2103 is available in 8 Ld SOIC and 3x3mm
TDFN packages
• HIP2104 is available in a 4x4mm, 12 Ld DFN
package
• Pb-Free (RoHS Compliant)
Applications
• Half-bridge, full bridge, and BLDC motor drives
(see Figures 3, 4, 5)
• UPS and inverters
• Class-D amplifiers
• Any switch mode power circuit requiring a
half-bridge driver
Figure 1. Typical Full Bridge Application
Figure 2. HIP2104 Shutdown Current vs VBAT
µController
HIP2104
VBAT
VCen
VCC
VDD
HI
LI
EPAD
LO
HS
HO
HB
VDen
VSS
DC
Motor
VBAT
VBAT
HI
LI
LO
HS
HO
HB
VSS
HIP2103
EPAD
VDD
VDD
3.5
4.0
4.5
5.0
5.5
2.0
2.5
3.0
10
20
30
40
50
VBAT (VDC)
VCen = VDen = 0


Similar Part No. - HIP2104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2104 INTERSIL-HIP2104 Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
logo
Renesas Technology Corp
HIP2104 RENESAS-HIP2104 Datasheet
893Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2104 INTERSIL-HIP2104 Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
HIP2104FRAANZ INTERSIL-HIP2104FRAANZ Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
HIP2104FRAANZ INTERSIL-HIP2104FRAANZ Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
More results

Similar Description - HIP2104

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
2A, HALF-BRIDGE DRIVER
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
HIP2103 INTERSIL-HIP2103 Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com