Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP2104
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP2104 Datasheet HTML 7Page - Renesas Technology Corp HIP2104 Datasheet HTML 8Page - Renesas Technology Corp HIP2104 Datasheet HTML 9Page - Renesas Technology Corp HIP2104 Datasheet HTML 10Page - Renesas Technology Corp HIP2104 Datasheet HTML 11Page - Renesas Technology Corp HIP2104 Datasheet HTML 12Page - Renesas Technology Corp HIP2104 Datasheet HTML 13Page - Renesas Technology Corp HIP2104 Datasheet HTML 14Page - Renesas Technology Corp HIP2104 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
HIP2103, HIP2104
3. Specifications
FN8276 Rev.2.0
Page 11 of 30
Feb 25, 2021
3.5
AC Electrical Specifications
HO Gate Driver
Sinking rDS(ON)
RDSHOL IHO = 100mA, HI = 0
2.68
0.61
11
Ω
Sourcing rDS(ON)
RDSHOH IHO = -100mA, HI = 1
6.47
2.3
15
Ω
Peak Pull-Up Current
IHOH12 HI = 1 VDD = 12V, CLOAD = 1000pF
1
A
IHOH5
HI = 1 VDD = 5V, CLOAD = 1000pF
(HIP2103 only)
1A
Peak Pull-Down Current
IHOL12 HI = 0 VDD = 12V, CLOAD = 1000pF
2
A
IHOL5
HI = 0 VDD = 5V, CLOAD = 1000pF
(HIP2103 only)
A
Notes:
14. Parameters with Min and/or Max limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
15. The UV lockout does not disable the VDD and VCC outputs.
VDD = 12V, GND = 0V, No Load on OUTA or OUTB, Unless Otherwise Specified. VDD load = 1µF and VCC load = 1µF (HIP2104 only)
Boldface limits apply across the operating junction temperature range, -40°C to +125°C.
Parameters
Symbol
Test Conditions
TJ = +25°C
TJ = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
VDen and VCen Turn-On Delay
(Figure 8) (HIP2104 only)
tVDen
tVCen
VDen = VCen = 1,
VCC = VDD = 10%,
VBAT = 50V
1.69
1.0
2.5
ms
VDen and VCen Turn-on Delay
(Figure 8) (HIP2104 only)
tVDen
tVCen
VDen = VCen = 1,
VCC = VDD = 10%,
VBAT = 18V
1.68
1.1
2.54
ms
VDen and VCen Turn-on Delay Matching
(Figure 8) (VDen - VCen) (HIP2104 only)
tVenM
VDen = VCen = 1,
VCC = 10%, VDD = 10%
VBAT = 50V
40
-290
340
ns
VDen and VCen Turn-on Delay Matching
(Figure 8) (VDen - VCen) (HIP2104 only)
tVenM
VDen = VCen = 1,
VCC = 10%, VDD = 10%
VBAT = 18V
40
-290
350
ns
LO Turn-Off Propagation Delay
(LI to LO falling) (Figure 9)
tFL12
HI = 0, LI = 1 to 0
VDD = 12V
27
13
39
ns
tFL5
HI = 0, LI = 1 to 0
VDD = 5V (HIP2103 only)
30
23
46
ns
HO Turn-Off Propagation Delay
(HI to HO falling) (Figure 9)
tFH12
LI = 0, HI = 1 to 0
VDD = 12V
23
10
35
ns
tFH5
LI = 0, HI = 1 to 0
Vv = 5V (HIP2103 only)
27
19
38
ns
LO Turn-On Propagation Delay
(LI to LO rising) (Figure 9)
tRL12
HI = 0, LI = 0 to 1
VDD = 12V
21
732
ns
tRL5
HI = 0, LI = 0 to 1
VDD = 5V (HIP2103 only)
25
12
37
ns
HO Turn-On Propagation Delay
(HI to HO rising) (Figure 9)
tRH12
LI = 0, HI = 0 to 1
VDD = 12V
23
935
ns
tRH5
LI = 0, HI = 0 to 1
VDD = 5V (HIP2103 only)
28
15
40
ns
VDD = VHB = 12V (for HIP2103), VSS = VHS = 0V, VBAT = 18V (for HIP2104), LI = HI = 0V. No load on HO and LO unless otherwise specified.
Boldface limits apply across the operating junction temperature range, -40°C to +125°C. (Continued)
Parameters
Symbol
Test Conditions
TJ = +25°C
TJ = -40°C to +125°C
Unit
Min
Typ
Max
Min
(Note 14)
Max
(Note 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com