Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HIP2104
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HIP2104 Datasheet HTML 22Page - Renesas Technology Corp HIP2104 Datasheet HTML 23Page - Renesas Technology Corp HIP2104 Datasheet HTML 24Page - Renesas Technology Corp HIP2104 Datasheet HTML 25Page - Renesas Technology Corp HIP2104 Datasheet HTML 26Page - Renesas Technology Corp HIP2104 Datasheet HTML 27Page - Renesas Technology Corp HIP2104 Datasheet HTML 28Page - Renesas Technology Corp HIP2104 Datasheet HTML 29Page - Renesas Technology Corp HIP2104 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
HIP2103, HIP2104
8. General EPAD Heatsinking Considerations
FN8276 Rev.2.0
Page 26 of 30
Feb 25, 2021
8.
General EPAD Heatsinking Considerations
The EPAD of the HIP2103 and HIP2104 is electrically connected to VSS through the IC substrate. The EPAD has
two main functions:
• To provide a quiet signal ground
• To provide heat sinking for the IC
The EPAD must be connected to a ground plane and switching currents from the driven FETs should not pass
through the ground plane under the IC.
Figure 28 is a PCB layout example of how to use vias to remove heat from the IC through the EPAD.
For maximum heatsinking, it is recommended that a ground plane, connected to the EPAD, is added to both sides
of the PCB. A via array within the area of the EPAD conducts heat from the EPAD to the GND plane on the bottom
layer. The number of vias and the size of the GND planes required for adequate heatsinking is determined by the
power dissipated by the HIP2103 and HIP2104, the air flow, and the maximum temperature of the air around the
IC.
Note that a separate plane is added under the high side drive circuits and is connected to HS. In a manner similar
to the ground plane, the HS plane provides the lowest possible parasitic inductance for the HO/HS gate drive
current loop.
See AN1899 “HIP2103 and HIP2104 3-phase, Full, or Half Bridge Motor Driver” for an example of PCB layout of
a real application.
VDD
EPAD GND
Plane
Component
Layer
HI
LI
LS
HB
HO
HS
LO
EPAD GND
Plane
Bottom
Layer
VDD
HI
LI
LS
HB
HO
HS
LO
This plane is
connected to
HS and is under
all high side
driver circuits
Figure 28. Typical PCB Pattern for Thermal Vias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com