Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HIP2104
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HIP2104 Datasheet HTML 18Page - Renesas Technology Corp HIP2104 Datasheet HTML 19Page - Renesas Technology Corp HIP2104 Datasheet HTML 20Page - Renesas Technology Corp HIP2104 Datasheet HTML 21Page - Renesas Technology Corp HIP2104 Datasheet HTML 22Page - Renesas Technology Corp HIP2104 Datasheet HTML 23Page - Renesas Technology Corp HIP2104 Datasheet HTML 24Page - Renesas Technology Corp HIP2104 Datasheet HTML 25Page - Renesas Technology Corp HIP2104 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
HIP2103, HIP2104
6. Application Examples
FN8276 Rev.2.0
Page 22 of 30
Feb 25, 2021
In the unlikely event that the negative transient exceeds -10V, there are several ways of reducing the negative
amplitude of this transient. If the bridge FETs are turned off more slowly to reduce di/dt, the amplitude is reduced
but at the expense of more switching losses in the FETs. Careful PCB design also reduces the value of the
parasitic inductance. However, in extreme cases, these two solutions by themselves may not be sufficient.
Figure 25 shows a simple method for clamping the negative transient. Two series connected, fast 1A PN junction
diodes are connected between HS and VSS as shown. It is important that these diodes are placed as close as
possible to the HS and VSS pins to minimize the parasitic inductance of this current path between the two pins.
Two diodes in series are required because they are in parallel with the body diode of the low-side FET. If only one
diode is used for the clamp, it conducts some of the negative load current that is flowing in the body diode of the
low-side FET.
An alternative to the two series connected diodes is one diode and a resistor (Figure 26 on page 23). In this case,
it is necessary to limit the current in the diode with a small value resistor, RHS, connected between the phase node
of the 1/2 bridge and the HS pin. Observe that RHS is effectively in series with the HO output and serves as a peak
current limiting gate resistor on HO.
Figure 24. Parasitic Inductance on HS Node
Figure 25. Two Clamping Diodes to Suppress Negative Transients
VSS
HS
LO
HO
Inductive
Load
+
-
+
-
HB
CBOOT
VSS
HS
LO
HO
Inductive
Load
HB
CBOOT
1V
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com