Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC0635T2AX-45 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # 2SC0635T2AX-45
Description  Dual-Channel Cost-Effective SCALE™-2 IGBT Driver Core for 4500V IGBTs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SC0635T2AX-45 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  2SC0635T2AX-45 Datasheet HTML 1Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 2Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 3Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 4Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 5Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 6Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 7Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SCALE™-2 2SC0635T2A1-45
Preliminary Data Sheet
www.power.com/igbt-driver
Page 3
Recommended Operating Conditions
Power Supply
Remarks
Min
Typ
Max Unit
Supply voltage VDC
VDC to GND, IGBT mode
14.5
15
15.5
V
Supply voltage VCC
VCC to GND
14.5
15
15.5
V
Electrical Characteristics (IGBT mode)
All data refer to +25°C and VCC = VDC = 15V unless otherwise specified.
Power supply
Remarks
Min
Typ
Max Unit
Supply current IDC
Without load
70
mA
Supply current ICC
f = 0Hz
25
mA
Supply current ICC
f = 100kHz
34
mA
Coupling capacitance Cio
Primary to output, total
19
pF
Power Supply Monitoring
Remarks
Min
Typ
Max Unit
Supply threshold VCC
Primary side, clear fault
11.9
12.6
13.3
V
Primary side, set fault (Note 11)
11.3
12.0
12.7
V
Monitoring hysteresis
Primary side, set/clear fault
0.35
V
Supply threshold VISOx-VEx
Secondary side, clear fault
12.1
12.6
13.1
V
Secondary side, set fault (Note 12)
11.5
12.0
12.5
V
Monitoring hysteresis
Secondary side, set/clear fault
0.35
V
Supply threshold VEx-VCOMx
Secondary side, clear fault
5
5.15
5.3
V
Secondary side, set fault (Note 12)
4.7
4.85
5
V
Monitoring hysteresis
Secondary side, set/clear fault
0.15
V
Logic Inputs and Outputs
Remarks
Min
Typ
Max Unit
Input impedance
V(INx) = 15V
4.7
4.8
4.9
kΩ
Turn-on threshold
V(INx)
8.8
V
Turn-off threshold
V(INx)
4.5
V
SOx pull-up resistor to VCC
On board
10
kΩ
SOx output voltage
Failure condition, I(SOx)<6.5mA
0.7
V
Short-Circuit Protection
Remarks
Min
Typ
Max Unit
VCE-monitoring threshold
Factory set value (Note 18)
9.3
V
Minimum response time
Note 9
5.1
µs
Blocking time
After fault. Factory set value (Note 10)
130
ms
Minimum blocking time
Note 10
9
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com