Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC0635T2AX-45 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # 2SC0635T2AX-45
Description  Dual-Channel Cost-Effective SCALE™-2 IGBT Driver Core for 4500V IGBTs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SC0635T2AX-45 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  2SC0635T2AX-45 Datasheet HTML 1Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 2Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 3Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 4Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 5Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 6Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 7Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SCALE™-2 2SC0635T2A1-45
Preliminary Data Sheet
www.power.com/igbt-driver
Page 2
Safety Notice!
The data contained in this data sheet is intended exclusively for technically trained staff. Handling all high-
voltage equipment involves risk to life. Strict compliance with the respective safety regulations is mandatory!
Any handling of electronic devices is subject to the general specifications for protecting electrostatic-sensitive
devices according to international standard IEC 60747-1, Chapter IX or European standard EN 100015 (i.e. the
workplace, tools, etc. must comply with these standards). Otherwise, this product may be damaged.
Important Product Documentation
This data sheet contains only product-specific data. For a detailed description, must-read application notes and
important information that apply to this product, please refer to “2SC0635T Description & Application Manual”
on www.power.com/igbt-driver/go/2SC0635T.
Absolute Maximum Ratings
Parameter
Remarks
Min
Max Unit
Supply voltage VDC
VDC to GND
0
16
V
Supply voltage VCC
VCC to GND
0
16
V
Logic input and output voltages
Primary side, to GND
-0.5 VCC+0.5 V
SOx current
Failure condition, total current
20
mA
Gate peak current Iout
Note 1
-35
+35
A
External gate resistance
Turn-on and turn-off
0.5
Ω
Average supply current IDC
Notes 2, 3
1450
mA
Output power
Ambient temperature 0°C…70°C (Notes 4, 5)
9
W
Ambient temperature -40°C…85°C (Note 4)
6
W
Switching frequency f
100
kHz
Test voltage (50Hz/1min.)
Primary to secondary (Note 14)
10.2
kVeff
Secondary to secondary (Note 14)
10.2
kVeff
|dV/dt|
Rate of change of input to output voltage
35
kV/μs
Operating voltage
Primary/secondary, secondary/secondary
4500 Vpeak
Operating temperature
Notes 5, 17
-40
+85
°C
Storage temperature
-55
+90
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com