Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC0635T2AX-45 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # 2SC0635T2AX-45
Description  Dual-Channel Cost-Effective SCALE™-2 IGBT Driver Core for 4500V IGBTs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SC0635T2AX-45 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  2SC0635T2AX-45 Datasheet HTML 1Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 2Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 3Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 4Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 5Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 6Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 7Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SCALE™-2 2SC0635T2A1-45
Preliminary Data Sheet
www.power.com/igbt-driver
Page 4
Short-Circuit Protection
Remarks
Min
Typ
Max Unit
Delay in IGBT turn-off
Factory-set value (Note 19)
0.2
µs
Timing Characteristics
Remarks
Min
Typ
Max Unit
Turn-on delay td(on)
Note 6
80
ns
Turn-off delay td(off)
Note 6
65
ns
Jitter of turn-on delay
Note 16
±2
ns
Jitter of turn-off delay
Note 16
±2
ns
Output rise time tr(out)
Note 7
20
ns
Output fall time tf(out)
Note 7
25
ns
Transmission delay of fault state
Note 13
450
ns
Electrical Isolation
Remarks
Min
Typ
Max Unit
Test voltage (50Hz/1s)
Primary to secondary side (Note 14)
10.2
10.3
10.4
kVeff
Secondary to secondary side (Note 14)
10.2
10.3
10.4
kVeff
Partial discharge extinction volt.
Primary to secondary side (Note 15)
5400
Vpeak
Secondary to secondary side (Note 15)
5400
Vpeak
Creepage distance
On the PCB
Primary to secondary side
34
mm
(Material group IIIa)
Secondary to secondary side
34
mm
On the transformer
Primary to secondary side
29
mm
(Material group I)
Secondary to secondary side
25
mm
Clearance distance
Primary to secondary side
25
mm
Secondary to secondary side
18
mm
Output
Remarks
Min
Typ
Max Unit
Blocking capacitance
VISOx to VEx (Note 8)
9.4
µF
VEx to COMx (Note 8)
9.4
µF
Output voltage swing
The output voltage swing consists of two distinct segments. First, there is the turn-on voltage VGHx between
pins GHx and VEx. VGHx is regulated and maintained at a constant level for all output power values and
frequencies.
The second segment of the output voltage swing is the turn-off voltage VGLx. VGLx is measured between pins
GLx and VEx. It is a negative voltage. It changes with the output power to accommodate the inevitable
voltage drop across the internal DC/DC converter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com