Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC0635T2AX-45 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # 2SC0635T2AX-45
Description  Dual-Channel Cost-Effective SCALE™-2 IGBT Driver Core for 4500V IGBTs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SC0635T2AX-45 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  2SC0635T2AX-45 Datasheet HTML 1Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 2Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 3Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 4Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 5Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 6Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 7Page - Power Integrations, Inc. 2SC0635T2AX-45 Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCALE™-2 2SC0635T2A1-45
www.power.com/igbt-driver
Page 1
2SC0635T2A1-45 Preliminary Datasheet
Dual-Channel Cost-Effective SCALE™-2 IGBT Driver Core for 4500V IGBTs
Abstract
The SCALE™-2 dual-driver core 2SC0635T2A1-45 combines unrivalled compactness with broad applicability.
The driver is designed for universal applications requiring high reliability. The 2SC0635T2A1-45 drives all usual
high-power IGBT modules up to 4500V. Its embedded paralleling capability allows easy inverter design
covering higher power ratings. Multi-level topologies involving 1700V or 3300V IGBTs with higher isolation
requirements can also be easily supported by 2SC0635T2A1-45.
The 2SC0635T2A1-45 combines a complete two-channel driver core with all components required for driving,
such as an isolated DC/DC converter, short-circuit protection, Advanced Active Clamping as well as supply
voltage monitoring. Each of the two output channels is electrically isolated from the primary side and from the
other secondary channel.
An output current of 35A and 6W drive power is available per channel, making the 2SC0635T2A1-45 an ideal
driver platform for universal use in medium and high-power applications. The driver provides a gate voltage
swing of 15V/-10V. The turn-on voltage is regulated to maintain a stable 15V regardless of the output power
level.
Its outstanding EMC allows safe and reliable operation even in hard industrial applications.
Product Highlights
Applications
 Ultra-compact dual-channel driver
 Traction
 Highly integrated SCALE-2 chipset
 Railroad power supplies
 Gate current ±35A, 6W output power per channel
 Light rail vehicles
 15V/-10V gate driving
 HVDC
 Blocking voltages up to 4500V
 Flexible AC transmission systems (FACTS)
 Basic isolation to IEC 61800-5-1 and IEC 60664-1
 Medium-voltage converters
 Short delay and low jitter
 Wind-power converters
 15V logic level interface
 Industrial drives
 UL compliant
 Medical applications
 Lead free


Similar Part No. - 2SC0635T2AX-45

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
2SC0106T2A1-12 POWERINT-2SC0106T2A1-12 Datasheet
252Kb / 8P
Dual-channel ultra-compact SCALE™-2 driver core
Version 2.0 from 2018-02-06
2SC0106T2A1C-12 POWERINT-2SC0106T2A1C-12 Datasheet
252Kb / 8P
Dual-channel ultra-compact SCALE™-2 driver core
Version 2.0 from 2018-02-06
logo
List of Unclassifed Man...
2SC0108T2A0-17 ETC2-2SC0108T2A0-17 Datasheet
511Kb / 32P
DESCRIPTION AND APPLICATION MANUAL FOR SCALE DRIVERS
logo
Power Integrations, Inc...
2SC0108T2D0-07 POWERINT-2SC0108T2D0-07 Datasheet
131Kb / 7P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2016-05-20
2SC0108T2D0-12 POWERINT-2SC0108T2D0-12 Datasheet
245Kb / 8P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2018-01-25
More results

Similar Description - 2SC0635T2AX-45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
logo
Inchange Semiconductor ...
BUZ215 ISC-BUZ215 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ216 ISC-BUZ216 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ255 ISC-BUZ255 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ308 ISC-BUZ308 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ326 ISC-BUZ326 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ77A ISC-BUZ77A Datasheet
66Kb / 2P
Easy driver for cost effective application
BUZ77B ISC-BUZ77B Datasheet
66Kb / 2P
Easy driver for cost effective application
BUZ93 ISC-BUZ93 Datasheet
65Kb / 2P
Easy driver for cost effective application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com