Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC2262CPWR Datasheet HTML 26Page - Texas Instruments TLC2262CPWR Datasheet HTML 27Page - Texas Instruments TLC2262CPWR Datasheet HTML 28Page - Texas Instruments TLC2262CPWR Datasheet HTML 29Page - Texas Instruments TLC2262CPWR Datasheet HTML 30Page - Texas Instruments TLC2262CPWR Datasheet HTML 31Page - Texas Instruments TLC2262CPWR Datasheet HTML 32Page - Texas Instruments TLC2262CPWR Datasheet HTML 33Page - Texas Instruments TLC2262CPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
vs Common-mode input voltage
2 – 5
6, 7
αVIO
Input offset voltage temperature coefficient
Distribution
8 – 11
IIB/IIO
Input bias and input offset currents
vs Free-air temperature
12
VI
Input voltage range
vs Supply voltage
vs Free-air temperature
13
14
VOH
High-level output voltage
vs High-level output current
15
VOL
Low-level output voltage
vs Low-level output current
16, 17
VOM +
Maximum positive output voltage
vs Output current
18
VOM –
Maximum negative output voltage
vs Output current
19
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
20
IOS
Short-circuit output current
vs Supply voltage
vs Free-air temperature
21
22
VO
Output voltage
vs Differential input voltage
23, 24
Differential gain
vs Load resistance
25
AVD
Large-signal differential voltage amplification
vs Frequency
vs Free-air temperature
26, 27
28, 29
zo
Output impedance
vs Frequency
30, 31
CMRR
Common-mode rejection ratio
vs Frequency
vs Free-air temperature
32
33
kSVR
Supply-voltage rejection ratio
vs Frequency
vs Free-air temperature
34, 35
36
IDD
Supply current
vs Supply voltage
vs Free-air temperature
37, 38
39, 40
SR
Slew rate
vs Load capacitance
vs Free-air temperature
41
42
Inverting large-signal pulse response
43, 44
VO
Voltage-follower large-signal pulse response
45, 46
VO
Inverting small-signal pulse response
47, 48
Voltage-follower small-signal pulse response
49, 50
Vn
Equivalent input noise voltage
vs Frequency
51, 52
Noise voltage (referred to input)
Over a 10-second period
53
Integrated noise voltage
vs Frequency
54
THD + N
Total harmonic distortion plus noise
vs Frequency
55
Gain-bandwidth product
vs Supply voltage
vs Free-air temperature
56
57
φm
Phase margin
vs Frequency
vs Load capacitance
26, 27
58
Gain margin
vs Load capacitance
59
B1
Unity-gain bandwidth
vs Load capacitance
60
Overestimation of phase margin
vs Load capacitance
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com