Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC2262CPWR Datasheet HTML 36Page - Texas Instruments TLC2262CPWR Datasheet HTML 37Page - Texas Instruments TLC2262CPWR Datasheet HTML 38Page - Texas Instruments TLC2262CPWR Datasheet HTML 39Page - Texas Instruments TLC2262CPWR Datasheet HTML 40Page - Texas Instruments TLC2262CPWR Datasheet HTML 41Page - Texas Instruments TLC2262CPWR Datasheet HTML 42Page - Texas Instruments TLC2262CPWR Datasheet HTML 43Page - Texas Instruments TLC2262CPWR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 36
100
95
90
105
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREE-AIR TEMPERATURE
110
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VO = 0
VDD
± = ±2.2 V to ±8 V
– 75
Figure 37
300
200
100
0
0
1
234
5
400
500
600
67
8
| VDD
± | – Supply Voltage – V
TA = 25°C
TA = 125°C
TA = – 55°C
VO = 0
No Load
TA = 40°C
TLC2262
SUPPLY CURRENT †
vs
SUPPLY VOLTAGE
Figure 38
600
400
200
0
01
234
5
800
1000
1200
67
8
| VDD
± | – Supply Voltage – V
TA = 25°C
TA = 125°C
TA = – 55°C
VO = 0
No Load
TA = 40°C
TLC2264
SUPPLY CURRENT †
vs
SUPPLY VOLTAGE
Figure 39
300
200
100
0
400
500
600
– 75
– 50 – 25
0
25
50
75
100
TA – Free-Air Temperature – °C
VDD
± = ±5 V
VO = 0
VDD = 5 V
VO = 2.5 V
125
TLC2262
SUPPLY CURRENT †‡
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For curves where VDD = 5 V, all loads are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com