Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC2262CPWR Datasheet HTML 20Page - Texas Instruments TLC2262CPWR Datasheet HTML 21Page - Texas Instruments TLC2262CPWR Datasheet HTML 22Page - Texas Instruments TLC2262CPWR Datasheet HTML 23Page - Texas Instruments TLC2262CPWR Datasheet HTML 24Page - Texas Instruments TLC2262CPWR Datasheet HTML 25Page - Texas Instruments TLC2262CPWR Datasheet HTML 26Page - Texas Instruments TLC2262CPWR Datasheet HTML 27Page - Texas Instruments TLC2262CPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2262Q/M electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2262Q,
TLC2262M
TLC2262AQ,
TLC2262AM
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
25
°C
300
2500
300
950
µV
VIO
Input offset voltage
Full range
3000
1500
µV
αVIO
Temperature coefficient of
input offset voltage
Full range
5
5
µV/°C
Input offset voltage long-
term drift (see Note 4)
VIC = 0,
RS = 50 Ω
VO = 0,
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
0.5
pA
IIO
Input offset current
125
°C
800
800
pA
IIB
Input bias current
25
°C
1
1
pA
IIB
Input bias current
125
°C
800
800
pA
VICR
Common-mode input
RS =50 Ω
|VIO|≤ 5mV
25
°C
– 5
to 4
– 5.3
to 4
– 5
to 4
– 5.3
to 4.2
V
VICR
voltage range
RS = 50 Ω,
|VIO| ≤ 5 mV
Full range
– 5
to 3.5
– 5
to 3.5
V
IO = – 20 µA
25
°C
4.99
4.99
Maximum positive peak
IO = 100 µA
25
°C
4.85
4.94
4.85
4.94
VOM +
Maximum positive peak
output voltage
IO = – 100 µA
Full range
4.82
4.82
V
out ut voltage
IO = 400 µA
25
°C
4.7
4.85
4.7
4.85
IO = – 400 µA
Full range
4.5
4.5
VIC = 0,
IO = 50 µA
25
°C
– 4.99
– 4.99
Maximum negative peak
VIC =0
IO = 500 µA
25
°C
– 4.85
– 4.91
– 4.85
– 4.91
VOM –
Maximum negative peak
output voltage
VIC = 0,
IO = 500 µA
Full range
– 4.85
– 4.85
V
out ut voltage
VIC =0
IO =4 mA
25
°C
– 4
– 4.3
– 4
– 4.3
VIC = 0,
IO = 4 mA
Full range
– 3.8
– 3.8
Large signal differential
RL =50kΩ
25
°C
80
200
80
200
AVD
Large-signal differential
voltage amplification
VO = ± 4 V
RL = 50 kΩ
Full range
50
50
V/mV
voltage am lification
RL = 1 MΩ
25
°C
1000
1000
ri(d)
Differential input
resistance
25
°C
1012
1012
Ω
ri(c)
Common-mode input
resistance
25
°C
1012
1012
Ω
ci(c)
Common-mode input
capacitance
f = 10 kHz,
P package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 100 kHz,
AV = 10
25
°C
220
220
Ω
CMRR
Common-mode
VIC = – 5 V to 2.7 V,
25
°C
75
88
75
88
dB
CMRR
rejection ratio
IC
VO = 0,
RS = 50 Ω
Full range
75
75
dB
kSVR
Supply-voltage rejection
VDD = 4.4 V to 16 V,
25
°C
80
95
80
95
dB
kSVR
yg
j
ratio (
∆VDD± /∆VIO)
DD
VIC = VDD /2, No load
Full range
80
80
dB
IDD
Supply current
VO =0
No load
25
°C
425
500
425
500
µA
IDD
Supply current
VO = 0,
No load
Full range
500
500
µA
† Full range is – 40
°C to 125°C for Q suffix, – 55°C to 125°C for M suffix.
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com