Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLC2262CPWR Datasheet HTML 1Page - Texas Instruments TLC2262CPWR Datasheet HTML 2Page - Texas Instruments TLC2262CPWR Datasheet HTML 3Page - Texas Instruments TLC2262CPWR Datasheet HTML 4Page - Texas Instruments TLC2262CPWR Datasheet HTML 5Page - Texas Instruments TLC2262CPWR Datasheet HTML 6Page - Texas Instruments TLC2262CPWR Datasheet HTML 7Page - Texas Instruments TLC2262CPWR Datasheet HTML 8Page - Texas Instruments TLC2262CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2262 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
CERAMIC
FLATPACK
(U)
0
°C to 70°C
2.5 mV
TLC2262CD
—
—
TLC2262CP
TLC2262CPW
—
40
°Cto125°C
950
µV
TLC2262AID
—
—
TLC2262AIP
TLC2262AIPW
—
– 40
°C to 125°C
µ
2.5 mV
TLC2262ID
—
—
TLC2262IP
—
—
40
°Cto125°C
950
µV
TLC2262AQD
—
—
—
—
—
– 40
°C to 125°C
µ
2.5 mV
TLC2262QD
—
—
—
—
—
– 55
°C to 125°C
950
µV
2.5 mV
—
—
TLC2262AMFK
TLC2262MFK
TLC2262AMJG
TLC2262MJG
—
—
—
—
TLC2262AMU
TLC2262MU
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2262CDR). The PW package is available only left-end taped
and reeled. Chips are tested at 25
°C.
TLC2264 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)
CERAMIC
FLATPACK
(W)
0
°C to 70°C
2.5 mV
TLC2264CD
—
—
TLC2264CN
TLC2264CPW
—
40
°Cto125°C
950
µV
TLC2264AID
—
—
TLC2264AIN
TLC2264AIPW
—
– 40
°C to 125°C
µ
2.5 mV
TLC2264ID
—
—
TLC2264IN
—
—
40
°Cto125°C
950
µV
TLC2264AQD
—
—
—
—
—
– 40
°C to 125°C
µ
2.5 mV
TLC2264QD
—
—
—
—
—
– 55
°C to 125°C
950
µV
2.5 mV
—
—
TLC2264AMFK
TLC2264MFK
TLC2264AMJ
TLC2264MJ
—
—
—
—
TLC2264AMW
TLC2264MW
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2264CDR). The PW package is available only left-end taped
and reeled. Chips are tested at 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com