Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7523-7529 Datasheet(PDF) 28 Page - Power Integrations, Inc.

Part # PFS7523-7529
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523-7529 Datasheet(HTML) 28 Page - Power Integrations, Inc.

Back Button PFS7523-7529 Datasheet HTML 24Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 25Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 26Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 27Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 28Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 29Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 30Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 31Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 32Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Rev. D 04/25
28
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
VTS MOSFET
Effective Output
Capacitance
C
oss
T
J(M) = 25 °C
V
GS = 0 V,
V
DS = 0 to 80% BVDSS
See Note A
PFS7523
PFS7533
176
pF
PFS7524
PFS7534
210
PFS7525
PFS7535
265
PFS7526
PFS7536
312
PFS7527
PFS7537
369
PFS7528
PFS7538
420
PFS7529
PFS7539
487
Breakdown Voltage
BV
DSS
T
J(M) = 25 °C, VCC = 12 V
I
D = 250 µA, VFB= VV = 0 V
530
V
Breakdown Voltage
Temperature
Coefficient
BV
DSS(TC)
See Note A
0.048
%/°C
Off-State
Drain Current
Leakage
I
DSS
V
DS = 80%
BV
DSS
VCC = 12 V
V
FB = VV =
V
C = 0
PFS7523
PFS7533
T
J(M) =100 °C
80
µ
A
PFS7524
PFS7534
T
J(M) =100 °C
100
PFS7525
PFS7535
T
J(M) =100 °C
120
PFS7526
PFS7536
T
J(M) =100 °C
150
PFS7527
PFS7537
T
J(M) =100 °C
170
PFS7528
PFS7538
T
J(M) =100 °C
200
PFS7529
PFS7539
T
J(M) =100 °C
235
Turn-Off Voltage
Rise Time
t
R
See Notes A, B, C
50
ns
Turn-On Voltage
Fall Time
t
F
See Notes A, B, C
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com