Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7523-7529 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # PFS7523-7529
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523-7529 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button PFS7523-7529 Datasheet HTML 2Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 3Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 4Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 5Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 6Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 7Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 8Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 9Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Rev. D 04/25
6
PFS7523-7529/7533-7539
www.power.com
Figure 8. Start-Up Flow Chart.
Figure 6. Typical Normalized Output Voltage Characteristics as Function of
Normalized Peak Load Rating
.
Figure 7.
Normalized Minimum Power Limit as Function of Input Voltage.
0.0
0.2
0.4
0.6
1.0
1.2
0.8
Normalized to Peak Output Power Rating
1.2
1.0
0.8
0.6
0.4
0.2
0.0
VCC > UVLO+
and
REF > REFUV+?
YES
YES
NO
NO
NO
NO
PI-7249-061615
Reference
Capacitor Valid?
Start
NO
YES
Capacitor Reset:
Short C to G
for 230 µs
YES
Feedback > FBOFF
Remove Short
on C Pin
(C > 2.5 V) or
Feedback < FBOFF
OTP Fault
Remove Current
Source on
C Pin, Short C to G
YES
YES
NO
Apply Current to
C Pin for 65 µs
Peak Valid and
Peak > VBR+
Remove C to G
Short, Start
Switching
70
75
80
170
85
95
100
90
160
190
PFS7523-29
PFS7533-39
180
Input Voltage (VAC)
1.2
1.0
0.8
0.6
0.4
0.2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com