Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7523-7529 Datasheet(PDF) 37 Page - Power Integrations, Inc.

Part # PFS7523-7529
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523-7529 Datasheet(HTML) 37 Page - Power Integrations, Inc.

Back Button PFS7523-7529 Datasheet HTML 29Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 30Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 31Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 32Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 33Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 34Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 35Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 36Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 37Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
Revision Notes
Date
A
Initial Release.
06/15
B
Internal review.
02/20
C
Added PFS7539L part.
07/24
D
Updated Figure 9b and added 750 W application section.
04/25
For the latest updates, visit our website: www.power.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations
does not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY
HEREIN AND SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY,
FITNESS FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS.
Patent Information
The products and applications illustrated herein (including transformer construction and circuits external to the products) may be covered by one
or more U.S. and foreign patents, or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of
Power Integrations patents may be found at www.power.com. Power Integrations grants its customers a license under certain patent rights as set
forth at https://www.power.com/company/intellectual-property-licensing/.
Life Support Policy
POWER INTEGRATIONS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF POWER INTEGRATIONS. As used herein:
1. A Life support device or system is one which, (i) is intended for surgical implant into the body, or (ii) supports or sustains life, and (iii) whose
failure to perform, when properly used in accordance with instructions for use, can be reasonably expected to result in significant injury or
death to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or system, or to affect its safety or effectiveness.
Power Integrations, the Power Integrations logo, CAPZero, ChiPhy, CHY, DPA-Switch, EcoSmart, E-Shield, eSIP, eSOP, HiperLCS, HiperPLC,
HiperPFS, HiperTFS, InnoSwitch, Innovation in Power Conversion, InSOP, LinkSwitch, LinkZero, LYTSwitch, SENZero, TinySwitch, TOPSwitch, PI,
PI Expert, PowiGaN, SCALE, SCALE-1, SCALE-2, SCALE-3 and SCALE-iDriver, are trademarks of Power Integrations, Inc. Other trademarks are
property of their respective companies. ©2024, Power Integrations, Inc.
World Headquarters
5245 Hellyer Avenue
San Jose, CA 95138 USA
Tel: +1-408-414-9200
Fax: +1-408-414-9765
Contact Sales
China (Shanghai)
Unit 02-03, 6F, North Tower of T2
Guoco Changfeng City
No. 2, Lane 556, Daduhe Road
Putuo District, Shanghai 200062
Tel: +86-021-6354 6323
Fax: +86-021-6354 6325
Contact Sales
China (Shenzhen)
17/F, Hivac Building, No 2
Keji South 8th Road, Nanshan
District
Shenzhen, China
Zip Code: 518057
Tel: +86-755-8672-8689
Fax: +86-755-8672-8690
Contact Sales
Italy
Via Milanese 20
20099 Sesto San Giovanni (MI)
Italy
Tel: +39 02 455 08708
Contact Sales
Japan
Yusen Shin-Yokohama 1-chome Bldg.
1-7-9, Shin-Yokohama, Kohoku-ku
Yokohama-shi,
Kanagawa 222-0033 Japan
Tel: +81-45-471-1021
Fax: +81-45-471-3717
Contact Sales
Korea
RM602, 6FL, 22
Teheran-ro 87-gil, Gangnam-gu
Seoul, 06164, Korea
Tel: + 82-2-2016-6610
Fax: + 82-2-2016-6630
Contact Sales
Singapore
51 Newton Road
#20-01/03 Goldhill Plaza
Singapore, 308900
Tel: +65-6358-2160
Cust. Svc: +65-6356-4480
Fax: +65-6358-2015
Contact Sales
Taiwan
5F, No. 318, Nei Hu. Rd., Sec. 1
Nei Hu Dist.
Taipei, Taiwan 114
Tel: +886-2-2659-4570
Fax: +886-2-2659-4550
Contact Sales
UK
Radio House
St Andrews Road
Chesterton, Cambridge
CB4 1DL
Tel: +44 (0)7823 557484
Contact Sales
Power Integrations Worldwide Sales Support Locations
Germany (AC-DC/LED Sales)
Einsteinring 37
85609 Dornach/Aschheim
Germany
Tel: +49-89-5527-39100
Fax: +49-89-1228-5374
Contact Sales
Germany (Gate Driver Sales)
HellwegForum 3
59469 Ense
Germany
Tel: +49-2938-64-39990
Contact Sales
India (New Delhi)
#45, Top Floor
Okhla Industrial Area, Phase – III
New Delhi, India
Pin – 110020
Tel: +91-11-4055-2351/53
Contact Sales



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com