Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7523-7529 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # PFS7523-7529
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523-7529 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button PFS7523-7529 Datasheet HTML 8Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 9Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 10Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 11Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 12Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 13Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 14Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 15Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Rev. D 04/25
12
PFS7523-7529/7533-7539
www.power.com
Application Example 1
A High Efficiency, 275 W, 385 VDC Universal Input PFC
The circuit shown in Figure 13 is designed using a device from the
HiperPFS- 3 family of integrated PFC controllers. This design is rated
for a continuous output power of 275 W and provides a regulated
output voltage of 385 VDC nominal, maintaining a high input power
factor and overall efficiency from light load to full load.
Fuse F1 provides protection to the circuit and isolates it from the AC
supply in the event of a fault. Diode bridge BR1 rectifies the AC input
voltage. Capacitors C1-C7 together with inductors L2 and L3 form
the EMI filter which reduces the common mode and differential mode
noise. Resistors R1, R2 and CAPZero, IC U2 are required to discharge
the EMI filter capacitors once the circuit is disconnected. CAPZero
eliminates static losses in R1 and R2 by only connecting these
components across the input when AC is removed.
Metal oxide varistor (MOV) RV1 protects the circuit during line surge
events by effectively clamping the input voltage seen by the power
supply.
The boost converter stage consists of inductor L1, and the Hiper-
PFS-3 IC U1. This stage functions as a boost converter and controls
the input current of the power supply while simultaneously regulating
the output DC voltage. Diode D2 prevents a resonant buildup of
output voltage at start-up by bypassing inductor L1 while simultane-
ously charging output capacitor C17.
Thermistor RT1 limits the inrush input current of the circuit at
start-up and prevents saturation of L1. In most high-performance
designs, a relay will be used to bypass the thermistor after start-up to
improve power supply efficiency. Thermistor RT1 is bypassed by the
electro-mechanical relay RL1 after the output voltage is in regulation
and a power-good signal from U1 is asserted low. Resistor R3, R4,
and Q1 drive relay RL1 and optocoupler U3. Diode D1 clamps the
relay coil reverse voltage during de-assertion transitions. Resistor R5
limits the current to the diode in the optocoupler. IC U3 provides
optocoupler isolation through connector J2 for a power-good output
signal if required.
Capacitor C15 is used for reducing the loop length and area of the
output circuit to reduce EMI and overshoot of voltage across the
drain and source of the MOSFET inside U1 at each switching edge.
The PFS7527H IC requires a regulated supply of 12 V for operation
and must not exceed 15 V. Resistors R6, R7, R8, Zener diode VR1,
and transistor Q2 form a series pass regulator that prevents the
supply voltage to IC U1 from exceeding 15 V. Capacitors C8, and C9
filter the supply voltage and provide bypassing and decoupling to
ensure reliable operation of IC U1. Diode D3 provides reverse
polarity protection.
Resistor R15 programs the output voltage level [via the power good
threshold (PGT) pin] below which the power good [PG] pin will go
into a high-impedance state. Capacitor C14 provides noise immunity
on the POWER GOOD THRESHOLD pin.
IC U1 is configured in full power mode by capacitor C10 which is
connected to the REFERENCE pin.
The rectified AC input voltage of the power supply is sensed by IC U1
using resistors R10-R13. These resistors values are large to minimize
power consumption. Capacitor C11 connected in parallel with the
bottom resistor R13 filters noise coupled into the VOLTAGE MONITOR
pin.
Output voltage divider network comprising of resistors R16 – R19 are
used to scale the output voltage and provide feedback to the IC.
Capacitor C16 in parallel with resistor R19 attenuates high frequency
noise.
R14, C12 and C13 are required for shaping the loop response of the
feedback network.
L1
400 µH
VO
J3-1
J2-2
J4-1
J4-2
RL1
J2-1
DC
OUT
+
VO
J3-3
S
C
PGT
FB
VCC
PG
K
D
REF
G
V
CONTROL
HiperPFS-3
U1
PFS7527H
PI-7257-061615
N
Power
Good
90 - 264
VAC
E
L
R1
510 kΩ
R6
1 Ω
1%
R3
10 kΩ
1%
R4
16.2 kΩ
1%
R5
3.01 kΩ
1%
D1
S1AB-13-F
C8
47 µF
50 V
C7
680 nF
450 V
C9
1 µF
35 V
C10
1 µF
50 V
R14
30.1 kΩ
1%
R15
332 kΩ
1%
C11
470 pF
50 V
Q1
MMBT4403
3
4
2
1
U3
LTV817A
Q2
MMBT4401LT1G
R7
1 Ω
1%
R8
2.21 kΩ
1%
R2
510 kΩ
C2
680 pF
250 VAC
BR1
GBU8K-BP
800 V
L2
9 mH
C4
330 nF
275 V
C6
680 pF
250 VAC
C5
680 pF
250 VAC
C1
680 pF
250 VAC
F1
5 A
RV1
320 VAC
VCC
Supply
C3
330 nF
275 VAC
RT1
2.5 Ω
D1
CAPZero
U2
CAP003DG
D2
L3
330 µH
+
+
C14
1 nF
50 V
C17
180 µF
450 V
R19
162 kΩ
1%
R16
3.74 MΩ
1%
R10
6.2 MΩ
1%
R11
6.2 MΩ
1%
R12
3.74 MΩ
1%
R13
162 kΩ
1%
R17
6.2 MΩ
1%
R18
6.2 MΩ
1%
C15
10 nF
1 kV
C13
1 µF
50 V
D2
1N5408-T
C12
100 nF
25 V
C16
470 pF
50 V
tO
Figure 13. 275 W PFC using PFS7527H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com