Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48824TM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48824TM/NOPB
Description  LM48824 Class G Headphone Amplifier with I2C Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48824TM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48824TM/NOPB Datasheet HTML 10Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 11Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 12Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 13Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 14Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 15Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 16Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 17Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LM48824
SNAS479D – MARCH 2009 – REVISED MAY 2013
www.ti.com
Table 4. Volume Control Register
Bit
Name
Value
Description
B5:B1
VOL4:VOL0
These bits set the volume level. See Table 5.
0
Right Channel Mute Disabled
B6
MUTE_R
1
Right Channel Mute Enabled
0
Left Channel Mute Disabled
B7
MUTE_L
1
Left Channel Mute Enabled
Table 5. Volume Control
Volume Step
VOL4
VOL3
VOL2
VOL1
VOL0
HP Gain (dB)
0
0
0
0
0
0
-59
1
0
0
0
0
1
-55
2
0
0
0
1
0
-51
3
0
0
0
1
1
-47
4
0
0
1
0
0
-43
5
0
0
1
0
1
-39
6
0
0
1
1
0
-35
7
0
0
1
1
1
-31
8
0
1
0
0
0
-27
9
0
1
0
0
1
-25
10
0
1
0
1
0
-23
11
0
1
0
1
1
-21
12
0
1
1
0
0
-19
13
0
1
1
0
1
-17
14
0
1
1
1
0
-15
15
0
1
1
1
1
-13
16
1
0
0
0
0
-11
17
1
0
0
0
1
-10
18
1
0
0
1
0
-9
19
1
0
0
1
1
-8
20
1
0
1
0
0
-7
21
1
0
1
0
1
-6
22
1
0
1
1
0
-5
23
1
0
1
1
1
-4
24
1
1
0
0
0
-3
25
1
1
0
0
1
-2
26
1
1
0
1
0
-1
27
1
1
0
1
1
0
28
1
1
1
0
0
1
29
1
1
1
0
1
2
30
1
1
1
1
0
3
31
1
1
1
1
1
4
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com