Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48824TM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM48824TM/NOPB
Description  LM48824 Class G Headphone Amplifier with I2C Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48824TM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM48824TM/NOPB Datasheet HTML 1Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 2Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 3Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 4Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 5Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 6Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 7Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 8Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
VOLUME
CONTROL
OUTPUT LEVEL
DETECT
CHARGE PUMP
REGULATOR
CONTROL
I2C INTERFACE
INL+
INL-
SDA
SCL
INR+
INR-
C1P
C1N
HPVSS
VDD
OUTL
OUTR
COM
GND
CIN
C1
C2
SW
HPVDD
CIN
CIN
CIN
5 k:
5 k:
1 PF
1 PF
1 PF
1 PF
1 PF
10 PF
2.2 PF
2.4V to 5.5V
2.3V to 5.5V
3.3 PH
2.2 PF
C3
C4
LM48824
SNAS479D – MARCH 2009 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com