Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48824TM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48824TM/NOPB
Description  LM48824 Class G Headphone Amplifier with I2C Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48824TM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48824TM/NOPB Datasheet HTML 1Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 2Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 3Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 4Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 5Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 6Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 7Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 8Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM48824
SNAS479D – MARCH 2009 – REVISED MAY 2013
www.ti.com
Operating Ratings
Temperature Range (TMIN ≤ TA ≤ TMAX)
−40°C ≤ TA ≤ +85°C
Supply Voltage (VDD)
2.4V
≤ VDD ≤ 5.5V
Electrical Characteristics VDD = 3.6V
(1) (2)
The following specifications apply for AV = 0dB, RL = 32Ω, f = 1kHz, unless otherwise specified. Limits apply to TA = 25°C.
LM48824
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limit(4)
VIN = 0V, both channels active, RL = ∞
0.9
1.3
mA (max)
IDD
Quiescent Power Supply Current
RL = ∞, Low THD mode
1.55
mA
PO = 100µW, two channels in phase, 3dB
1.8
2.5
mA (max)
Crest Factor, RL = 32Ω + 15Ω
PO = 100µW, two channels in phase, 3dB
Crest Factor, RL = 32Ω + 15Ω,
2.2
mA
Low THD mode
PO = 500µW, two channels in phase, 3dB
3.1
3.8
mA (max)
Crest Factor RL = 32Ω + 15Ω
IDD(OP)
Operating Power Supply Current
PO = 500µW, two channels in phase, 3dB
Crest Factor RL = 32Ω + 15Ω,
3.4
mA
Low THD mode
PO = 1mW, two channels in phase, 3dB
4.1
4.9
mA (max)
Crest Factor, RL = 32Ω + 15Ω
PO = 1mW, two channels in phase, 3dB
Crest Factor, RL = 32Ω + 15Ω,
4.4
mA
Low THD mode
ISD
Shutdown Current
Shutdown Enabled, VSCL = VSDA = 1.8V
2.5
3.9
µA (max)
VOS
Output Offset Voltage
VIN = 0V
0.15
0.65
mV (max)
TWU
Wake Up Time
From Shutdown
2
ms
–58
dB (max)
Minimum Gain Setting
–59
–60
dB (min)
AV
Gain
4.5
dB (max)
Maximum Gain Setting
4
3.5
dB (min)
AV(MUTE)
Mute Attenuation
–110
dB
AV = 4dB
24
20
k
Ω (min)
RIN
Input Resistance
AV = –59dB
64
80
k
Ω (max)
f = 1kHz, THD+N = 1%
37
30
mW (min)
Two channels in phase, RL= 16Ω
PO
Output Power
f = 1kHz, THD+N = 1%
29
23
mW (min)
Two channels in phase, RL= 32Ω
THD+N = 1%, Two Channels in Phase
VRMS
RL = 16Ω
0.77
0.7
(min)
VRMS
VO
Output Swing
RL = 32Ω
0.96
0.86
(min)
RL = 32Ω + 15Ω
1.05
VRMS
VRMS
RL = 10kΩ
1.3
1.1
(min)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list specified specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are specified by test or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com