Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48824TM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48824TM/NOPB
Description  LM48824 Class G Headphone Amplifier with I2C Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48824TM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM48824TM/NOPB Datasheet HTML 1Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 2Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 3Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 4Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 5Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 6Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 7Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 8Page - Texas Instruments LM48824TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
INL+
INR+
INR-
OUTL
HPVDD
COM
OUTR
HPVSS
A
B
C
D
SW
C1N
SDA
INL-
C1P
VDD
GND
SCL
2
1
4
3
LM48824
www.ti.com
SNAS479D – MARCH 2009 – REVISED MAY 2013
Connection Diagram
Top View
Figure 2.
DSBGA Package (1.7mm x 1.7mm x 0.6mm)
See Package Number YFQ0016DDA
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3) (4)
Supply Voltage(1)
6V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to VDD + 0.3V
Power Dissipation(5)
Internally Limited
ESD Rating(6)
2000V
ESD Rating(7)
200V
ESD Rating(8)
500V
Junction Temperature
150°C
Vapor Phase (60 sec.)
215°C
Soldering Information
Infrared (15 sec.)
220°C
Thermal Resistance
θJA (YFQ0016DDA)
60°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list specified specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Soldering Information: See AN-1112 “Micro SMD Wafer Level Chip Scale package”
(4)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX , θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(6)
Human body model, applicable std. JESD22-A114C.
(7)
Machine model, applicable std. JESD22-A115-A.
(8)
Charged Device Model, applicable std. JESD22-C101-C.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com