Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49101TMEVAL Datasheet(PDF) 21 Page - Texas Instruments

Part # LM49101TMEVAL
Description  LM49101 Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49101TMEVAL Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM49101TMEVAL Datasheet HTML 17Page - Texas Instruments LM49101TMEVAL Datasheet HTML 18Page - Texas Instruments LM49101TMEVAL Datasheet HTML 19Page - Texas Instruments LM49101TMEVAL Datasheet HTML 20Page - Texas Instruments LM49101TMEVAL Datasheet HTML 21Page - Texas Instruments LM49101TMEVAL Datasheet HTML 22Page - Texas Instruments LM49101TMEVAL Datasheet HTML 23Page - Texas Instruments LM49101TMEVAL Datasheet HTML 24Page - Texas Instruments LM49101TMEVAL Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LM49101, LM49101TMEVAL
www.ti.com
SNAS475A – MARCH 2009 – REVISED APRIL 2013
GAMP_SD BIT
The GAMP_SD bit allows for reduced power consumption. When set to '1' the gain amplifiers on unused inputs
will be shutdown saving approximately 0.4mA per input in shutdown. For example, in Mode 1 only the mono
inputs are in use. Setting GAMP_SD to '1' will shut down the gain amplifiers for the left and right inputs reducing
current draw from the VDDLS supply by approximately 0.8mA. The GAMP_SD bit does not need to be set each
time when changing modes as the LM49101 will automatically activate and deactivate the needed inputs based
on the mode selected.
When operating with GAMP_SD set to '1', a transient may be observed on the outputs when changing modes.
During power up, the LM49101 uses a start up sequence to eliminate any pops and clicks on the outputs. The
volume control circuitry is powered up first followed by the other internal circuitry with the output amplifiers being
powered up last. If a mode change requires a gain amplifier to turn on then a potential transient may be created
that is amplified on the already active outputs. To eliminate unwanted noise on the outputs the Power_On bit
should be used to turn off the LM49101 before changing modes, perform a mode change, then turn the LM49101
back on. This procedure will cause the LM49101 to follow the start up sequence.
LS (EP_MODE) BIT
The LS (EP_Mode) bit selects the amount of bias current in the loudspeaker amplifier. Setting the LS (EP_Mode)
bit to a '1' will reduce the amount of current from the VDDLS supply by approximately 0.5mA. The THD
performance of the loudspeaker amplifier will be reduced as a result of lower bias current. See the performance
graphs in Typical Performance Characteristics.
TURN_ON_TIME BIT
The Turn_On_Time bit determines the delay time from the Power_On bit set to '1' and the internal circuits ready.
For input capacitor values up to 0.47
μF the Turn_On_Time bit can be set to fast mode by setting the bit to a '1'.
When the input capacitor values are larger than 0.47
μF then the Turn_On_Time bit should be set to '0' for normal
turn-on time and higher delay. This allows sufficient time to charge the input capacitors to the ½ VDDLS bias
voltage.
POWER_ON BIT
The Power_On bit is the master control bit to activate or deactivate the LM49101. All registers can be loaded
independent of the Power_On bit setting as long as the IC is powered correctly. Cycling the Power_On bit does
not change the values of any registers nor return all bits to the default power on value of zero. The Power_On bit
only determines whether the IC is on or off.
EP BYPASS BIT
The EP Bypass bit is used to set the LM49101 to earpiece mode. When this bit is set the analog switch is
activated and the rest of the IC blocks except for the I2C circuitry will go into shutdown for minimal current
consumption.
HPR_SD BIT
The HPR_SD bit will deactivate the right headphone output amplifier. This bit is provided to reduce power
consumption when only one headphone output is needed.
MODE_CONTROL BITS
The LM49101 includes a comprehensive mixer multiplexer controlled through the I2C interface. The
mixer/multiplexer allows any input combination to appear on any output of LM49101. Multiple input paths can be
selected simultaneously. Under these conditions, the selected inputs are mixed together and output on the
selected channel. Table 5 shows how the input signals are mixed together for each possible input selection.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM49101 LM49101TMEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com