Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49101TMEVAL Datasheet(PDF) 8 Page - Texas Instruments

Part # LM49101TMEVAL
Description  LM49101 Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49101TMEVAL Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM49101TMEVAL Datasheet HTML 4Page - Texas Instruments LM49101TMEVAL Datasheet HTML 5Page - Texas Instruments LM49101TMEVAL Datasheet HTML 6Page - Texas Instruments LM49101TMEVAL Datasheet HTML 7Page - Texas Instruments LM49101TMEVAL Datasheet HTML 8Page - Texas Instruments LM49101TMEVAL Datasheet HTML 9Page - Texas Instruments LM49101TMEVAL Datasheet HTML 10Page - Texas Instruments LM49101TMEVAL Datasheet HTML 11Page - Texas Instruments LM49101TMEVAL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LM49101, LM49101TMEVAL
SNAS475A – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics VDDLS = 5.0V, VDDHP = 2.75V
(1)(2) (continued)
The following specifications apply for VDDLS = 5.0V, VDDHP = 2.75V, TA = 25°C, all volume controls set to 0dB, unless
otherwise specified. LS = Loudspeaker, HP = Headphone, EP = Earpiece.
LM49101
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)
VRIPPLE on VDDLS = 200mVPP, fRIPPLE = 217Hz, CB = 2.2μF
All inputs AC terminated to GND, output referred
LS: Mode 1, 5, 9, 13, RL = 8Ω BTL
90
dB
PSRR
Power Supply Rejection Ratio
LS: Mode 2, 6, 10, 14, RL = 8Ω BTL
74
dB
HP: Mode 4, 5, 6, 7, RL = 32Ω SE
84
dB
HP: Mode 8, 9, 10, 11, RL = 32Ω SE
79
dB
f = 217Hz, VCM = 1VP-P
CMRR
Common-Mode Rejection Ratio
LS: RL = 8Ω BTL, Mode 1
60
dB
HP: RL = 32Ω SE, Mode 4
60
dB
XTALK
Crosstalk
HP PO = 20mW, f = 1kHz, Mode 8
72
dB
10
K
Ω (min)
Maximum Gain setting
12.5
15
K
Ω (max)
ZIN
MIN, LIN, and RIN Input Impedance
90
K
Ω (min)
Maximum Attenuation setting
110
130
K
Ω (max)
RON
On Resistance
Analog Switch On
2
Ω
Maximum Gain
18
dB
VOL
Digital Volume Control Range
Maximum Attenuation
–80
dB
VOL
Volume Control Step Size Error
±0.02
dB
CB = 2.2μF, HP, Normal Turn-On Mode
30
ms
TWU
Wake-Up Time from Shutdown
CB = 2.2μF, HP, Fast Turn-On Mode
15
ms
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49101 LM49101TMEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com