Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49101TMEVAL Datasheet(PDF) 4 Page - Texas Instruments

Part # LM49101TMEVAL
Description  LM49101 Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49101TMEVAL Datasheet(HTML) 4 Page - Texas Instruments

  LM49101TMEVAL Datasheet HTML 1Page - Texas Instruments LM49101TMEVAL Datasheet HTML 2Page - Texas Instruments LM49101TMEVAL Datasheet HTML 3Page - Texas Instruments LM49101TMEVAL Datasheet HTML 4Page - Texas Instruments LM49101TMEVAL Datasheet HTML 5Page - Texas Instruments LM49101TMEVAL Datasheet HTML 6Page - Texas Instruments LM49101TMEVAL Datasheet HTML 7Page - Texas Instruments LM49101TMEVAL Datasheet HTML 8Page - Texas Instruments LM49101TMEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM49101, LM49101TMEVAL
SNAS475A – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3) (4)
Supply Voltage (Loudspeaker, VDDLS)
6.0V
Supply Voltage (Headphone, VDDHP)
3.0V
Storage Temperature
−65°C to +150°C
Voltage at Any Input Pin
GND
− 0.3 to VDD LS + 0.3
Power Dissipation(5)
Internally Limited
ESD Rating(6)
2000V
ESD Rating(7)
200V
Junction Temperature (TJMAX)
150°C
Vapor Phase (60sec.)
215°C
Soldering Information
Infrared (15sec.)
220°C
Thermal Resistance
θJA
(8)
51°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list specified specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
See AN-1112 “Micro SMD Wafer Level Chip Scale Package" ().
(4)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever
(6)
Human body model, applicable std. JESD22-A114C.
(7)
Machine model, applicable std. JESD22-A115-A.
(8)
The given
θJA is for an LM49101 mounted on a demonstration board.
Operating Ratings
Temperature Range (TMIN ≤ TA ≤ TMAX)
−40°C ≤ TA ≤ 85°C
Supply Voltage (VDDLS)
2.7V
≤ VDDLS ≤ 5.5V
1.8V
≤ VDDHP ≤ 2.9V
Supply Voltage (VDDHP)
VDDHP ≤ VDDLS
Supply Voltage (VDDCP)
VDDCP = VDD HP
1.7V
≤ I2CVDD ≤ 5.5V
Supply Voltage (I2CVDD)
I2CVDD ≤ VDDLS
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49101 LM49101TMEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com