Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49101TMEVAL Datasheet(PDF) 13 Page - Texas Instruments

Part # LM49101TMEVAL
Description  LM49101 Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49101TMEVAL Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM49101TMEVAL Datasheet HTML 9Page - Texas Instruments LM49101TMEVAL Datasheet HTML 10Page - Texas Instruments LM49101TMEVAL Datasheet HTML 11Page - Texas Instruments LM49101TMEVAL Datasheet HTML 12Page - Texas Instruments LM49101TMEVAL Datasheet HTML 13Page - Texas Instruments LM49101TMEVAL Datasheet HTML 14Page - Texas Instruments LM49101TMEVAL Datasheet HTML 15Page - Texas Instruments LM49101TMEVAL Datasheet HTML 16Page - Texas Instruments LM49101TMEVAL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LM49101, LM49101TMEVAL
www.ti.com
SNAS475A – MARCH 2009 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
PSRR vs Frequency
PSRR vs Frequency
VDDLS = 3.3V, VRIPPLELS = 200mVPP, RL = 8Ω BTL,
VDDLS = 3.3V, VRIPPLELS = 200mVPP, RL = 8Ω BTL,
Mode 1 (Mono), 80kHz BW
Mode 2 (Left + Right), 80kHz BW
Figure 21.
Figure 22.
PSRR vs Frequency
PSRR vs Frequency
VDDLS = 5V, VRIPPLELS = 200mVPP, RL = 8Ω BTL,
VDDLS = 5V, VRIPPLELS = 200mVPP, RL = 8Ω BTL,
Mode 1 (Mono), 80kHz BW
Mode 2 (Left + Right), 80kHz BW
Figure 23.
Figure 24.
PSRR vs Frequency
PSRR vs Frequency
VDDLS = 3.3V, VDDHP = 1.8V, VRIPPLEHP = 200mVPP,
VDDLS = 3.3V, VDDHP = 1.8V, VRIPPLEHP = 200mVPP,
RL = 32Ω SE, Mode 4 (Mono), 80kHz BW
RL = 32Ω SE, Mode 8 (Left/Right), 80kHz BW
Figure 25.
Figure 26.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM49101 LM49101TMEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com