Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 2 Page - Texas Instruments

  OPA694 Datasheet HTML 1Page - Texas Instruments OPA694 Datasheet HTML 2Page - Texas Instruments OPA694 Datasheet HTML 3Page - Texas Instruments OPA694 Datasheet HTML 4Page - Texas Instruments OPA694 Datasheet HTML 5Page - Texas Instruments OPA694 Datasheet HTML 6Page - Texas Instruments OPA694 Datasheet HTML 7Page - Texas Instruments OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
-INA
-INB
-INC
-VS
+V
S
+V
S
-VS
+INA
DISB
DISA
DISC
+INB
+INC
OUTC
OUTB
OUTA
OPA3695
SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA3695IDBQ
Rails, 75
OPA3695
SSOP-16
DBQ
–40°C to +85°C
OPA3695
OPA3695IDBQR
Tape and Reel, 3000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
OPA3695
UNIT
Power supply
±6.5
VDC
Internal power dissipation
See Thermal Analysis
Differential input voltage
±1.2
V
Input common-mode voltage range
±VS
Storage temperature range: DBQ
–65 to +125
°C
Lead temperature (soldering, 10s)
+300
°C
Junction temperature (TJ)
+125
°C
Human body model (HBM)
1500
V
ESD rating
Charge device model (CDM)
1000
V
Machine model (MM)
100
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these and any other conditions beyond
those specified is not supported.
SSOP-16
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com