Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 17Page - Texas Instruments OPA694 Datasheet HTML 18Page - Texas Instruments OPA694 Datasheet HTML 19Page - Texas Instruments OPA694 Datasheet HTML 20Page - Texas Instruments OPA694 Datasheet HTML 21Page - Texas Instruments OPA694 Datasheet HTML 22Page - Texas Instruments OPA694 Datasheet HTML 23Page - Texas Instruments OPA694 Datasheet HTML 24Page - Texas Instruments OPA694 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
BOARD LAYOUT GUIDELINES
OPA3695
www.ti.com ............................................................................................................................................... SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008
feedback resistor, rather than a direct short, is
required for the unity-gain follower application. A
Achieving
optimum
performance
with
a
current-feedback
op
amp
requires
a
feedback
high-frequency
amplifier
such
as
the
OPA3695
resistor—even
in
the
unity-gain
follower
requires careful attention to PCB layout parasitics and
configuration—to control stability. Good axial metal
external component types. Recommendations that
film or surface-mount resistors have approximately
optimize OPA3695 performance include:
0.2pF in shunt with the resistor. For resistor values
greater than 2.0k
Ω, this parasitic capacitance can
a) Minimize parasitic capacitance to any ac ground
add a pole and/or zero below 400MHz that can affect
for all of the signal I/O pins. Parasitic capacitance on
circuit operation. Keep resistor values as low as
the output can cause instability; on the noninverting
possible consistent with load driving considerations.
input, it can react with the source impedance to
cause
unintentional
bandlimiting.
To
reduce
d) Connections to other wideband devices on the
unwanted capacitance, create a window around the
PCB may be made with short direct traces or through
signal I/O pins in all of the ground and power planes
onboard transmission lines. For short connections,
around those pins. Otherwise, ground and power
consider the trace and the input to the next device as
planes should be unbroken elsewhere on the board.
a lumped capacitive load. Relatively wide traces
(50mils to 100mils, or 1,27mm to 2,54mm) should be
b) Minimize the distance (< 0.25” or 6,35mm) from
used, preferably with ground and power planes
the
power-supply
pins
to
high-frequency
0.1
µF
opened up around them. Estimate the total capacitive
decoupling capacitors. At the device pins, the ground
load and set RS from the plot of Recommended RS vs
and power-plane layout should not be in close
Capacitive Load (Figure 33). Low parasitic capacitive
proximity to the signal I/O pins. Avoid narrow power
loads (< 4pF) may not need an RS because the
and ground traces to minimize inductance between
OPA3695 is nominally compensated to operate with a
the
pins
and
the
decoupling
capacitors.
The
2pF parasitic load. If a long trace is required, and the
power-supply
connections
should
always
be
6dB signal loss intrinsic to a doubly-terminated
decoupled with these capacitors. Larger (2.2
µF to
transmission line is acceptable, implement a matched
6.8
µF) decoupling capacitors, effective at lower
impedance transmission line using microstrip or
frequency, should also be used on the supply pins.
stripline techniques (consult an ECL design handbook
These capacitors may be placed somewhat farther
for microstrip and stripline layout techniques). A 50
Ω
from the device and may be shared among several
environment is normally not necessary on board, and
devices in the same area of the PCB.
in fact, a higher impedance environment improves
c) Careful selection and placement of external
distortion, as shown in the distortion versus load
components
preserve
the
high-frequency
plots. With a characteristic board trace impedance
performance of the OPA3695. Use resistors that
defined
based
on
board
material
and
trace
have
low
reactance
at
high
frequencies.
dimensions, a matching series resistor into the trace
Surface-mount resistors work best and allow a tighter
from the output of the OPA3695 is used, as well as a
overall layout. Metal film and carbon composition
terminating
shunt
resistor
at
the
input
of
the
axially-leaded
resistors
can
also
provide
good
destination
device.
Remember
also
that
the
high-frequency performance. Again, keep the leads
terminating impedance is the parallel combination of
and PCB trace length as short as possible. Never use
the shunt resistor and the input impedance of the
wirewound
type
resistors
in
a
high-frequency
destination device; this total effective impedance
application. The output pin and inverting input pin are
should be set to match the trace impedance. If the
the most sensitive to parasitic capacitance; therefore,
6dB attenuation of a doubly-terminated transmission
always position the series output resistor, if any, as
line
is
unacceptable,
a
long
trace
can
be
close as possible to the output pin. Other network
series-terminated at the source end only. Treat the
components, such as noninverting input termination
trace as a capacitive load in this case and set the
resistors, should also be placed close to the package.
series resistor value as illustrated in the plot of
Where double-side component mounting is allowed,
Figure 33. This configuration does not preserve signal
place
the
feedback
resistor
directly
under
the
integrity as well as a doubly-terminated line. If the
package on the other side of the board between the
input impedance of the destination device is low,
output and inverting input pins. The frequency
there will be some signal attenuation as a result of
response is primarily determined by the feedback
the voltage divider formed by the series output into
resistor value, as described previously. Increasing its
the terminating impedance.
value reduces the bandwidth, while decreasing it
gives a more peaked frequency response. The 604
Ω
feedback resistor (used in the typical performance
specifications at a gain of +2V/V on ±5V supplies) is
a good starting point for design. Note that a 909
Ω
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA3695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com