Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments OPA694 Datasheet HTML 12Page - Texas Instruments OPA694 Datasheet HTML 13Page - Texas Instruments OPA694 Datasheet HTML 14Page - Texas Instruments OPA694 Datasheet HTML 15Page - Texas Instruments OPA694 Datasheet HTML 16Page - Texas Instruments OPA694 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
APPLICATION INFORMATION
WIDEBAND BUFFER OPERATION
1/3
OPA3695
+5V
-5V
50
Load
W
50W
50W
50
Source
W
R
G
R
F
+
6.8 F
m
0.1 F
m
+
6.8 F
m
0.1 F
m
V
I
V
O
DIS
OPA3695
www.ti.com ............................................................................................................................................... SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008
The OPA3695 gives the exceptional ac performance
of a wideband current-feedback op amp with a highly
linear output stage. Requiring only 12.9mA/channel
supply current, the OPA3695 achieves a 900MHz
small-signal bandwidth (G = +2V/V); the high slew
rate capability of up to 4300V/
µs supports a 600MHz
2VPP large signal into a 100Ω load. The low output
headroom of 1V from either supply in a very
high-speed amplifier gives very good single +5V
operation. The OPA3695 delivers a 2VPP swing with
greater than 400MHz bandwidth operating on a single
+5V
supply.
The
primary
advantage
of
a
current-feedback video buffer (as opposed to a
slew-enhanced, low-gain, stable voltage-feedback
implementation) is a higher slew rate with lower
quiescent power and output noise.
Figure 35. DC-Coupled, Noninverting,
Figure 35 shows the dc-coupled, noninverting, dual
Bipolar-Supply, Specification and Test Circuit
power-supply circuit configuration used as the basis
for the ±5V Electrical Characteristics table and
Typical Characteristics curves. For test purposes, the
Figure
36
illustrates
the
dc-coupled,
inverting
input impedance is set to 50
Ω with a resistor to
configuration used as the basis of the Inverting
ground; the output impedance is set to 50
Ω with a
Typical Characteristic curves. Inverting operation
series output resistor. Voltage swings reported in the
offers several performance benefits. Since there is no
specifications are taken directly at the input and
common-mode signal across the input stage, the slew
output pins while load powers (dBm) are defined at a
rate for inverting operation is higher and the distortion
matched 50
Ω load. For the circuit of Figure 35, the
performance is slightly improved. An additional input
total effective amplifier loading is 100
Ω || (RF + RG) .
resistor, RM, is included in Figure 36 to set the input
For example, with a gain of +2V/V with RF and RG
impedance equal to 50
Ω. The parallel combination of
equal to 604
Ω, the equivalent amplifier loading is
RM and RG sets the input impedance. Both the
100
Ω || 1208Ω = 92.3Ω. The disable control line
noninverting and inverting applications of Figure 35
(DIS) is typically left open to ensure normal amplifier
and Figure 36 benefit from optimizing the feedback
operation. Note that while most of the information
resistor (RF) value for bandwidth (see the discussion
presented in this data sheet was characterized with
in the Gain Setting section). The typical design
100
Ω loading, performance with a standard video
sequence
is
to
select
the
RF value for best
loading
of
150
Ω
has
negligible
impact
on
bandwidth, set RG for the gain, and then set RM for
performance.
Any
changes
in
performance
are
the desired input impedance. As the gain increases
typically improved over 100
Ω loading because of
for the inverting configuration, a point is reached
lower output current demands.
where RG equals 50Ω and RM is removed; thus, the
input match is set by RG only. With RG fixed to
achieve an input match to 50
Ω, RF is simply
increased to increase gain. This approach, however,
quickly reduces the achievable bandwidth at such
high
gains.
For
gains
greater
than
10V/V,
noninverting operation is recommended to maintain
broader bandwidth.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA3695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com