Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA694
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA694 Datasheet HTML 8Page - Texas Instruments OPA694 Datasheet HTML 9Page - Texas Instruments OPA694 Datasheet HTML 10Page - Texas Instruments OPA694 Datasheet HTML 11Page - Texas Instruments OPA694 Datasheet HTML 12Page - Texas Instruments OPA694 Datasheet HTML 13Page - Texas Instruments OPA694 Datasheet HTML 14Page - Texas Instruments OPA694 Datasheet HTML 15Page - Texas Instruments OPA694 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
-60
-65
-70
-75
-80
LoadResistance( )
W
10
1k
100
3rdHarmonic
2ndHarmonic
V =5V
G=+2V/V
R =487
V
=2V
W
S
F
OUT
PP
-40
-50
-60
-70
-80
-90
-100
OutputVoltage(V
)
PP
0.1
10
1
3rdHarmonic
2ndHarmonic
V =5V
G=+2V/V
R =487
R
=100
W
W
S
F
LOAD
40
35
30
25
20
15
Frequency(MHz)
20
240
40
60
80
100 120 140
V =5V
R
=100
V
=2V
W
S
LOAD
OUT
PP
Noninverting
Gain=+8V/V
R =348W
F
Inverting
Gain= 8V/V
R =422
-
W
F
160 180 200 220
100
90
80
70
60
0
CapacitiveLoad(pF)
1
1000
10
100
V =±5Vor5V
G=+8V/V
R =511W
S
F
60
60
60
60
60
21
18
15
12
9
Frequency(Hz)
10M
1G
100M
C =22pF,R =32W
L
S
C =10pF
R =41.5W
L
S
V =5V
G=+8V/V
R =348
V
=0.5V
W
W
S
F
LOAD
OUT
PP
R
=1k
C =47pF,R =21.3W
L
S
C =100pF,R =14.7W
L
S
OPA3695
SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At RF = 348Ω, RL = 100Ω to 2.5V, and G = +8, unless otherwise noted.
10MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
10MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 30.
Figure 31.
TWO-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
RECOMMENDED RS vs CAPACITIVE LOAD
Figure 32.
Figure 33.
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 34.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA3695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com