| Electronic Components Datasheet Search |
|
RF430CL331HIPWR Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RF430CL331HIPWR Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 63 page ![]() Configures the registers to describe the request and then asserts the interrupt RF Reader (PCD) Dynamic NFC Tag (PICC) Reads the file ID from the registers Host Controller INTO Interrupt Does the file exist? Sets the Host Response register accordingly Yes/No Examines the response and converts it to a Type 4 protocol format and sends it to the PCD I 2C RF PCD sends the Select File request with a file identifier Decides whether to proceed with reading or writing RF430CL331H SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015 www.ti.com 5.9.1 NDEF or Capability Container Select Procedure This select procedure does not change between selection of the capability container or an NDEF file. These two types of selects can be differentiated by the file identifier that the RF430CL331H reports in the NDEF File Identifier register (see Section 5.11.7). For the general flow, see Figure 5-7. Figure 5-7. Select System Flow The procedure: 1. PCD procedure: (a) Issues a Capability Container or a NDEF File Select command. 2. RF430CL331H procedure: (a) Receives the RF packet. (b) Sets the NDEF File Identifier register (see Section 5.11.7) using the file identifier that was included in the packet from the PCD. (c) Sets up the Status register (see Section 5.11.2) and the interrupt registers (see Section 5.11.3) to describe the file select request. (d) Ensure that General Type 4 request interrupt is enabled to generate the required interrupt on the INTO pin. 3. Host controller procedure: (a) Interrupt is received. (b) Checks the source of the interrupt by reading the interrupt registers (see Section 5.11.3). (c) The source of the interrupt is the General Type 4 request. (d) When there is a General Type 4 request, the Status register (see Section 5.11.2) must be read and the Type 4 Command field examined to determine what Type 4 command has been received. (e) The result is a File Select command. (f) The NDEF File Identifier register (see Section 5.11.7) should be read. (g) The host controller should, search its available files and determine if the file exists. (h) The interrupt must be cleared by writing to the Interrupt Flag register (see Section 5.11.3). This step must be done before setting the Interrupt Serviced field in the Host Response register (see Section 5.11.8). (i) If a specific Status Word (SW) response is necessary (generally for communicating specific error conditions) to the Select command: (i) Set the Custom Status Word Response register (see Section 5.11.13) with the desired status word. (ii) Set the Use Custom SW Response bit in the Host Response register (see Section 5.11.8). (j) To complete servicing the Select command interrupt, set the Interrupt Serviced field in the Host 22 Detailed Description Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: RF430CL331H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |