Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPWR Datasheet(PDF) 41 Page - Texas Instruments

Part # RF430CL331HIPWR
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 41 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 37Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 38Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 39Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 40Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 41Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 42Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 43Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 44Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.11.4 CRC Registers
Writing the CRC address and the CRC length registers initiates a 16-bit CRC calculation of the specified
address range. The length is always assumed to be even (16-bit aligned). Writing the length register starts
the CRC calculation.
During the CRC calculation, the CRC active bit is set (= 1). When the calculation is complete, the CRC
completion interrupt flag is set and the result of the CRC calculation can be read from the CRC result
register. TI recommends performing a CRC calculation only when the RF interface is disabled (RF Enable
= 0).
Table 5-19. CRC Result Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFF7
CRC CCITT Result (high byte)
ADDRESS
7
6
5
4
3
2
1
0
0xFFF6
CRC CCITT Result (low byte)
Table 5-20. CRC Result Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-0
CRC-CCITT Result
R
0
CRC-CCITT Result
Table 5-21. CRC Length Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFF5
CRC Length (high byte)
ADDRESS
7
6
5
4
3
2
1
0
0xFFF4
CRC Length (low byte)
Table 5-22. CRC Length Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
CRC Length. Always assumed to be even (Bit 0 = 0). Writing into high byte
15-0
CRC Length
RW
0
starts CRC calculation.
Table 5-23. CRC Start Address Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFF3
CRC Start Address (high byte)
ADDRESS
7
6
5
4
3
2
1
0
0xFFF2
CRC Start Address (low byte)
Table 5-24. CRC Start Address Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
CRC Start Address. Defines start address within NDEF memory. This address
15-0
CRC Start Address
RW
0
is always assumed to be even (bit 0 = 0).
The CRC is calculated based on the CCITT polynomial initialized with 0xFFFF.
CCITT polynomial: x16 + x12 + x5 + 1
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
41
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com