Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPWR Datasheet(PDF) 26 Page - Texas Instruments

Part # RF430CL331HIPWR
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 22Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 23Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 24Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 25Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 26Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 27Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 28Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 29Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
Reader (PCD)
RF430CL331H (PICC)
Host Controller
ReadBinary command is
sent
Is the data
already
available?
RF
Responds with the
data over the data
bus
No/Interrupt
INTO
Starts
transmitting the
data over RF
I
2
C
Yes
PCD processes the data
and possibly repeats the
cycle
If necessary
Sends the extra
data while the RF
transmission is
ongoing
INTO
Interrupt (Second)
Stores it in the
RAM cache (to be
used later if
necessary)
I
2C
Then asserts INTO
interrupt
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
5.9.3
NDEF or Capability Container Read Procedure (Prefetch Feature)
The read prefetch feature includes the standard read procedure. However, after the requested data is
written into the RF430CL331H buffer, when the RF430CL331H starts to transmit the requested data over
the air, another interrupt is issued to the host controller indicating that extra data can be appended to the
RF430CL331H buffer. The host controller can start adding data to the buffer while the RF430CL331H is
transmitting over RF, because two tasks are happening at once, this increases the throughput of the
system. For optimum operation, the host controller should cease to write extra data before the next
interrupt. If the host controller does not cease to write, latency is introduced into the system, which can
accumulate until requests start to time out. To determine how much is available to write the prefetch data,
the time to send out the packet (that was requested) over RF can be calculated.
To enable read prefetch feature, the Read Prefetch interrupt must be enabled in the Interrupt Enable
register (see Section 5.11.3).
For a general flow, see Figure 5-11.
Figure 5-11. Read System Flow (Prefetch Feature)
26
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com