Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPWR Datasheet(PDF) 51 Page - Texas Instruments

Part # RF430CL331HIPWR
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 51 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 47Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 48Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 49Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 50Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 51Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 52Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 53Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 54Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
Processor Family
RF = Embedded RF radio
X = Experimental silicon
P = Prototype device
430 MCU Platform
TI’s low-power microcontroller platform
Device Type
C = Fixed function
L = Low-power series
Wireless Technology
Device Designator
Various levels of integration within a series
Optional: Revision
A = Device revision
Optional: Temperature Range S = 0°C to 50 C
C to 70 C
I = –40 C to 85 C
T = –40 C to 105 C
°
C = 0°
°
°
°
°
°
Packaging
http://www.ti.com/packaging
Optional: Tape and Reel
T = Small reel
R = Large reel
No markings = Tube or tray
Optional: Additional Features
-EP = Enhanced product ( 40°C to 105°C)
-HT = Extreme temperature parts ( 55°C to 150°C)
–
–
RF 430
CL
331 H A I RGE R -EP
Processor Family
Device Designator
Optional: Temperature Range
430 MCU Platform
Packaging
Device Type
Optional: Revision
Optional: Tape and Reel
Wireless Technology
Optional: Additional Features
H = High frequency
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
Figure 7-1. Device Nomenclature
7.2
Documentation Support
7.2.1
Related Documentation
The following documents describe the RF430CL331H transponder. Copies of these documents are
available on the Internet at www.ti.com.
SLAZ672
RF430CL331H Device Erratasheet. Describes the known exceptions to the functional
specifications for all silicon revisions of the device.
7.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Community
TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration among engineers. At
e2e.ti.com, you can ask questions, share knowledge, explore ideas, and help solve problems with fellow
engineers.
TI Embedded Processors Wiki
Texas Instruments Embedded Processors Wiki. Established to help developers get started with embedded
processors from TI and to foster innovation and growth of general knowledge about the hardware and
software surrounding these devices.
7.4
Trademarks
Code Composer Studio, E2E are trademarks of Texas Instruments.
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
Wi-Fi is a registered trademark of Wi-Fi Alliance.
Copyright © 2015, Texas Instruments Incorporated
Device and Documentation Support
51
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com