Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC211-M... Datasheet(PDF) 4 Page - ON Semiconductor

Part # MOC211-M...
Description  8-pin SOIC Single-Channel Phototransistor Output Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC211-M... Datasheet(HTML) 4 Page - ON Semiconductor

  MOC211-M... Datasheet HTML 1Page - ON Semiconductor MOC211-M... Datasheet HTML 2Page - ON Semiconductor MOC211-M... Datasheet HTML 3Page - ON Semiconductor MOC211-M... Datasheet HTML 4Page - ON Semiconductor MOC211-M... Datasheet HTML 5Page - ON Semiconductor MOC211-M... Datasheet HTML 6Page - ON Semiconductor MOC211-M... Datasheet HTML 7Page - ON Semiconductor MOC211-M... Datasheet HTML 8Page - ON Semiconductor MOC211-M... Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC20xM, MOC21xM Rev. 1.5
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA = 25°C unless otherwise specified.
Symbol
Rating
Value
Unit
TOTAL DEVICE
TSTG
Storage Temperature
-40 to +125
°C
TA
Ambient Operating Temperature
-40 to +100
°C
TJ
Junction Temperature
-40 to +125
°C
TSOL
Lead Solder Temperature
260 for 10 seconds
°C
PD
Total Device Power Dissipation @ TA = 25°C
240
mW
Derate above 25°C
2.94
mW/°C
EMITTER
IF
Continuous Forward Current
60
mA
IF (pk)
Forward Current – Peak (PW = 100 µs, 120 pps)
1.0
A
VR
Reverse Voltage
6.0
V
PD
LED Power Dissipation @ TA = 25°C
90
mW
Derate above 25°C
0.8
mW/°C
DETECTOR
IC
Continuous Collector Current
150
mA
VCEO
Collector-Emitter Voltage
30
V
VECO
Emitter-Collector Voltage
7
V
PD
Detector Power Dissipation @ TA = 25°C
150
mW
Derate above 25°C
1.76
mW/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com