Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC211-M... Datasheet(PDF) 8 Page - ON Semiconductor

Part # MOC211-M...
Description  8-pin SOIC Single-Channel Phototransistor Output Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC211-M... Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MOC211-M... Datasheet HTML 4Page - ON Semiconductor MOC211-M... Datasheet HTML 5Page - ON Semiconductor MOC211-M... Datasheet HTML 6Page - ON Semiconductor MOC211-M... Datasheet HTML 7Page - ON Semiconductor MOC211-M... Datasheet HTML 8Page - ON Semiconductor MOC211-M... Datasheet HTML 9Page - ON Semiconductor MOC211-M... Datasheet HTML 10Page - ON Semiconductor MOC211-M... Datasheet HTML 11Page - ON Semiconductor MOC211-M... Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC20xM, MOC21xM Rev. 1.5
7
Typical Performance Curves (Continued)
Figure 12. Switching Time Test Circuit and Waveforms
Figure 10. Normalized ton vs. RBE
Figure 11. Normalized toff vs. RBE
Figure 9. CTR vs. RBE (Saturated)
RBE –
RBE –
BASE RESISTANCE (k
Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20 mA
IF = 10 m A
IF = 5 mA
VCE = 0.3 V,TA = 25°C
Normalized to:
CTR at RBE = Open
BASE RESISTANCE (M
Ω)
(M
Ω)
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCC = 10 V
IC = 2 mA
RL = 100Ω
NORMALIZED TO :
ton AT RBE = OPEN
RBE – BASE RESISTANCE
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCC = 10 V
IC = 2 mA
RL = 100 Ω
NORMALIZED TO :
tofff AT RBE = OPEN
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
tr
tf
INPUT
IF
RL
RBE
VCC = 10 V
OUTPUT
ton
10%
90%
toff
IC
Adjust IF to produce IC = 2 mA
WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com