Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC211-M... Datasheet(PDF) 10 Page - ON Semiconductor

Part # MOC211-M...
Description  8-pin SOIC Single-Channel Phototransistor Output Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC211-M... Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MOC211-M... Datasheet HTML 4Page - ON Semiconductor MOC211-M... Datasheet HTML 5Page - ON Semiconductor MOC211-M... Datasheet HTML 6Page - ON Semiconductor MOC211-M... Datasheet HTML 7Page - ON Semiconductor MOC211-M... Datasheet HTML 8Page - ON Semiconductor MOC211-M... Datasheet HTML 9Page - ON Semiconductor MOC211-M... Datasheet HTML 10Page - ON Semiconductor MOC211-M... Datasheet HTML 11Page - ON Semiconductor MOC211-M... Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC20xM, MOC21xM Rev. 1.5
9
Ordering Information(2)
Note:
2. The product orderable part number system listed in this table also applies to the MOC20XM and MOC21XM products.
Marking Information
Figure 14. Top Mark
Table 1. Top Mark Definitions
Part Number
Package
Packing Method
MOC205M
Small Outline 8-Pin
Tube (100 Units)
MOC205R2M
Small Outline 8-Pin
Tape and Reel (2500 Units)
MOC205VM
Small Outline 8-Pin, DIN EN/IEC60747-5-5 Option
Tube (100 Units)
MOC205R2VM
Small Outline 8-Pin, DIN EN/IEC60747-5-5 Option
Tape and Reel (2500 Units)
1
Fairchild Logo
2
Device Number
3
DIN EN/IEC60747-5-5 Option (only appears on component ordered with this option)
4
One-Digit Year Code, e.g., “4”
5
Digit Work Week, Ranging from “01” to “53”
6
Assembly Package Code
1
2
6
4
3
5
205
S
YY
X
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com