Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC211-M... Datasheet(PDF) 5 Page - ON Semiconductor

Part # MOC211-M...
Description  8-pin SOIC Single-Channel Phototransistor Output Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC211-M... Datasheet(HTML) 5 Page - ON Semiconductor

  MOC211-M... Datasheet HTML 1Page - ON Semiconductor MOC211-M... Datasheet HTML 2Page - ON Semiconductor MOC211-M... Datasheet HTML 3Page - ON Semiconductor MOC211-M... Datasheet HTML 4Page - ON Semiconductor MOC211-M... Datasheet HTML 5Page - ON Semiconductor MOC211-M... Datasheet HTML 6Page - ON Semiconductor MOC211-M... Datasheet HTML 7Page - ON Semiconductor MOC211-M... Datasheet HTML 8Page - ON Semiconductor MOC211-M... Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC20xM, MOC21xM Rev. 1.5
4
Electrical Characteristics
TA = 25°C unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EMITTER
VF
Input Forward Voltage
MOC216M, MOC217M
IF = 1 mA
1.07
1.3
V
MOC205M, MOC206M, MOC207M
MOC211M, MOC212M, MOC213M
IF = 10 mA
1.15
1.5
V
IR
Reverse Leakage Current
VR = 6 V
0.001
100
µA
CIN
Input Capacitance
18
pF
DETECTOR
ICEO1
Collector-Emitter Dark Current
VCE = 10 V, TA = 25°C
1.0
50
nA
ICEO2
VCE = 10 V, TA = 100°C
1.0
µA
BVCEO
Collector-Emitter Breakdown Voltage
MOC205M, MOC206M, MOC207M
IC = 100 µA
70
100
V
MOC211M, MOC212M, MOC213M,
MOC216M, MOC217M
IC = 100 µA
30
100
V
BVCBO
Collector-Base Breakdown Voltage
IC = 10 µA
70
120
V
BVECO
Emitter-Collector Breakdown Voltage
IE = 100 µA
7
10
V
CCE
Collector-Emitter Capacitance
f = 1.0 MHz, VCE = 0
7
pF
COUPLED
CTR
Collector-Output Current
MOC205M
IF = 10 mA, VCE = 10 V
40
80
%
MOC206M
IF = 10 mA, VCE = 10 V
63
125
%
MOC207M
IF = 10 mA, VCE = 10 V
100
200
%
MOC211M
IF = 10 mA, VCE = 10 V
20
%
MOC212M
IF = 10 mA, VCE = 10 V
50
%
MOC213M
IF = 10 mA, VCE = 10 V
100
%
MOC216M
IF = 1 mA, VCE = 5 V
50
%
MOC217M
IF = 1 mA, VCE = 5 V
100
%
VCE(SAT)
Collector-Emitter Saturation Voltage
MOC205M, MOC206M, MOC207M
MOC211M, MOC212M, MOC213M
IC = 2 mA, IF = 10 mA
0.4
V
MOC216M, MOC217M
IC = 100 µA, IF = 1 mA
0.4
V
ton
Turn-On Time
IC = 2 mA, VCC = 10 V,
RL = 100 Ω (Figure 12)
7.5
µs
toff
Turn-Off Time
IC = 2 mA, VCC = 10 V,
RL = 100 Ω (Figure 12)
5.7
µs
tr
Rise Time
IC = 2 mA, VCC = 10 V,
RL = 100 Ω (Figure 12)
3.2
µs
tf
Fall Time
IC = 2 mA, VCC = 10 V,
RL = 100 Ω (Figure 12)
4.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com