Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2743MTC/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # LM2743MTC/NOPB
Description  LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2743MTC/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM2743MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 30Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 31Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 32Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 33Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 34Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 35Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 36Page - Texas Instruments LM2743MTC/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Controller
VOUT
GND
GND
VIN
Inductor
CIN
CIN
COUT
COUT
QH
QL
Place controller as
close to the switches
33
LM2743
www.ti.com
SNVS276I – APRIL 2004 – REVISED FEBRUARY 2019
Product Folder Links: LM2743
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
9 Power Supply Recommendations
The LM2743 is a power management device. The power supply for the device is any DC voltage source within
the specified input range (see Design Requirements).
10 Layout
10.1 Layout Guidelines
In a buck regulator, the primary switching loop consists of the input capacitor and MOSFET switches. Minimixing
the area of this loop reduces the stray inductance, and minimizes noise and possible erratic operation. High
quality input capacitors should be placed as close as possible to the MOSFET switches, with the positive side of
the input capacitor connected directly to the high-side MOSFET drain, and the ground side of the capacitor
connected as close as possible to the low-side MOSFET switch ground connection. Connect all of the low power
ground connections directly to the SGND pin. Connect the VCC capacitor directly to the PGND pin.
10.2 Layout Example
Figure 44. Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com