Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB.B Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3478MA/NOPB.B
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3478MA/NOPB.B Datasheet HTML 16Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 17Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 18Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 19Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 20Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 21Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 22Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 23Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
ISWLIMIT =
IOUT
(1-D)
+
(D x VIN)
(2 x fS x L)
RSEN =
VSENSE - (D x VSL)
ISWLIMIT
0.000
0.100
0.200
0.300
0.400
0.500
CURRENT SENSE VOLTAGE (V)
0
20
40
60
80
100
120
FS =
250 kHz
VSENSE
VSL
FS = 500 kHz
20
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.2.3
Programming the Output Voltage
The output voltage can be programmed using a resistor divider between the output and the FB pin. The resistors
are selected such that the voltage at the FB pin is 1.26 V. Pick RF1 (the resistor between the output voltage and
the feedback pin) and RF2 (the resistor between the feedback pin and ground) can be selected using the
following equation,
RF2 = (1.26 V x RF1) / (Vout - 1.26 V)
(15)
A 100-pF capacitor may be connected between the feedback and ground pins to reduce noise.
8.2.1.2.4
Setting the Current Limit
The maximum amount of current that can be delivered to the load is set by the sense resistor, RSEN. Current limit
occurs when the voltage that is generated across the sense resistor equals the current sense threshold voltage,
VSENSE. When this threshold is reached, the switch will be turned off until the next cycle. Limits for VSENSE are
specified in the electrical characteristics section. VSENSE represents the maximum value of the internal control
signal VCS as shown in Figure 30. This control signal, however, is not a constant value and changes over the
course of a period as a result of the internal compensation ramp (VSL). Therefore the current limit threshold will
also change. The actual current limit threshold is a function of the sense voltage (VSENSE) and the internal
compensation ramp:
RSEN x ISWLIMIT = VCSMAX = VSENSE - (D x VSL)
(16)
Where ISWLIMIT is the peak switch current limit, defined by Equation 17.
Figure 30. Current Sense Voltage vs Duty Cycle
Figure 30 shows how VCS (and current limit threshold voltage) change with duty cycle. The curve is equivalent to
the internal compensation ramp slope (Se) and is bounded at low duty cycle by VSENSE, shown as a dotted line.
As duty cycle increases, the control voltage is reduced as VSL ramps up. The graph also shows the short circuit
current limit threshold of 343 mV (typical) during the 325 ns (typical) blanking time. For higher frequencies this
fixed blanking time obviously occupies more duty cycle, percentage wise. Since current limit threshold varies with
duty cycle, the use Equation 17 to select RSEN and set the desired current limit threshold:
(17)
The numerator of Equation 17 is VCS, and ISWLIMIT using Equation 18.
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com