Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB.B Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3478MA/NOPB.B
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3478MA/NOPB.B Datasheet HTML 17Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 18Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 19Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 20Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 21Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 22Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 23Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 24Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
RSEN =
VSENSE
Vo - Vi
L x fS
x D
ISWLIMIT +
ISWLIMIT =
VSENSE - (D x(VSL + 'VSL))
RSEN
RSL >
40 PA
RSEN x (Vo - 2VIN)
2 x fS x L
- VSL
RSEN <
2 x VSL x fS x L
Vo - (2 x VIN)
RSEN =
VSENSE - (D x VSENSE x VSLratio)
ISWLIMIT
21
LM3478
www.ti.com
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
To avoid false triggering, the current limit value should have some margin above the maximum operating value,
typically 120%. Values for both VSENSE and VSL are specified in Electrical Characteristics. However, calculating
with the limits of these two specs could result in an unrealistically wide current limit or RSEN range. Therefore,
Equation 19 is recommended, using the VSL ratio value given in Electrical Characteristics.
(19)
RSEN is part of the current mode control loop and has some influence on control loop stability. Therefore, once
the current limit threshold is set, loop stability must be verified. As described in the slope compensation section,
Equation 20 must hold true for a current mode converter to be stable.
Sf - Se < Sn + Se
(20)
To verify that this equation holds true, use Equation 21.
(21)
If the selected RSEN is greater than this value, additional slope compensation must be added to ensure stability,
as described in the section below.
8.2.1.2.5
Current Limit with External Slope Compensation
RSL is used to add additional slope compensation when required. It is not necessary in most designs and RSL
should be no larger than necessary. Select RSL according to Equation 22.
(22)
Where RSEN is the selected value based on current limit. With RSL installed, the control signal includes additional
external slope to stabilize the loop, which will also have an effect on the current limit threshold. Therefore, the
current limit threshold must be re-verified, as illustrated in Equation 23, Equation 24, and Equation 25 below.
VCS = VSENSE – (D x (VSL + ΔVSL))
(23)
Where ΔVSL is the additional slope compensation generated as discussed in the slope compensation ramp
section and calculated using Equation 24.
ΔVSL = 40 µA x RSL
(24)
This changes the equation for current limit (or RSEN) as shown in Equation 25.
(25)
The RSEN and RSL values may have to be calculated iteratively in order to achieve both the desired current limit
and stable operation. In some designs RSL can also help to filter noise on the ISEN pin.
If the inductor is selected such that ripple current is the recommended 30% value, and the current limit threshold
is 120% of the maximum peak, a simpler method can be used to determine RSEN. Equation 26 below will provide
optimum stability without RSL, provided that the above 2 conditions are met.
(26)
8.2.1.2.6
Power Diode Selection
Observation of the boost converter circuit shows that the average current through the diode is the average load
current, and the peak current through the diode is the peak current through the inductor. The diode should be
rated to handle more than its peak current. The peak diode current can be calculated using Equation 27.
ID(Peak) = IOUT/ (1−D) + ΔIL
(27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com