Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB.B Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3478MA/NOPB.B
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB.B Datasheet(HTML) 5 Page - Texas Instruments

  LM3478MA/NOPB.B Datasheet HTML 1Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 2Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 3Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
LM3478
www.ti.com
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM3478
UNIT
D
DGK
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
105.3
157.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.3
49.9
°C/W
RθJB
Junction-to-board thermal resistance
55.8
77.1
°C/W
ψJT
Junction-to-top characterization parameter
6.8
4.7
°C/W
ψJB
Junction-to-board characterization parameter
54.7
75.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
The voltage on the drive pin, VDR is equal to the input voltage when input voltage is less than 7.2 V. VDR is equal to 7.2 V when the
input voltage is greater than or equal to 7.2 V.
(2)
The limits for the maximum duty cycle can not be specified since the part does not permit less than 100% maximum duty cycle
operation.
(3)
For this test, the FA/SD pin is pulled to ground using a 40-K resistor.
(4)
For this test, the FA/SD pin is pulled to 5 V using a 40-K resistor.
6.5 Electrical Characteristics
Unless otherwise specified, VIN = 12V, RFA = 40kΩ, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Feedback Voltage
VCOMP = 1.4V, 2.97 ≤ VIN ≤ 40V
1.2416
1.26
1.2843
V
VCOMP = 1.4V, 2.97 ≤ VIN ≤ 40V, −40°C
≤ TJ ≤ 125°C
1.228
1.292
ΔVLINE
Feedback Voltage Line
Regulation
2.97
≤ VIN ≤ 40V
0.001
%/V
ΔVLOAD
Output Voltage Load
Regulation
IEAO Source/Sink
±0.5
%/A
VUVLO
Input Undervoltage
Lock-out
2.85
V
−40°C ≤ TJ ≤ 125°C
2.97
VUV(HYS)
Input Undervoltage
Lock-out Hysteresis
170
mV
−40°C ≤ TJ ≤ 125°C
130
210
Fnom
Nominal Switching
Frequency
RFA = 40KΩ
400
kHz
RFA = 40KΩ, −40°C ≤ TJ ≤ 125°C
350
440
RDS1 (ON)
Driver Switch On
Resistance (top)
IDR = 0.2A, VIN= 5V
16
Ω
RDS2 (ON)
Driver Switch On
Resistance (bottom)
IDR = 0.2A
4.5
VDR (max)
Maximum Drive Voltage
Swing(1)
VIN < 7.2V
VIN
V
VIN ≥ 7.2V
7.2
Dmax
Maximum Duty Cycle(2)
100%
Tmin (on)
Minimum On Time
325
ns
−40°C ≤ TJ ≤ 125°C
210
600
ISUPPLY
Supply Current (non-
switching)
See (3)
2.7
mA
See (3),
−40°C ≤ TJ ≤ 125°C
3.3
IQ
Quiescent Current in
Shutdown Mode
VFA/SD = 5V
(4), V
IN = 5V
5
µA
VFA/SD = 5V
(4), V
IN = 5V, −40°C ≤ TJ ≤
125°C
10
VSENSE
Current Sense
Threshold Voltage
VIN = 5V
135
156
180
mV
VIN = 5V, −40°C ≤ TJ ≤ 125°C
125
190
VSC
Short-Circuit Current
Limit Sense Voltage
VIN = 5V
343
mV
VIN = 5V, −40°C ≤ TJ ≤ 125°C
250
415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com