Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478MA/NOPB.B Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3478MA/NOPB.B
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3478MA/NOPB.B Datasheet HTML 2Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 3Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 9Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, VIN = 12V, RFA = 40kΩ, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
The over-voltage protection is specified with respect to the feedback voltage. This is because the over-voltage protection tracks the
feedback voltage. The overvoltage protection threshold is given by adding the feedback voltage, VFB to the over-voltage protection
specification.
(6)
The FA/SD pin should be pulled to VIN through a resistor to turn the regulator off. The voltage on the FA/SD pin must be above the
maximum limit for Output = High to keep the regulator off and must be below the limit for Output = Low to keep the regulator on.
VSL
Internal Compensation
Ramp Voltage
VIN = 5V
92
mV
VIN = 5V, −40°C ≤ TJ ≤ 125°C
52
132
VSL ratio
VSL/VSENSE
0.30
0.49
0.70
VOVP
Output Over-voltage
Protection (with respect
to feedback voltage) (5)
VCOMP = 1.4V
32
50
mV
VCOMP = 1.4V, −40°C ≤ TJ ≤ 125°C
25
VSSOP Package
78
VSSOP Package,
−40°C ≤ TJ ≤ 125°C
85
SOIC Package
78
SOIC Package,
−40°C ≤ TJ ≤ 125°C
100
VOVP(HYS)
Output Over-Voltage
Protection Hysteresis(5)
VCOMP = 1.4V
60
mV
VCOMP = 1.4V, −40°C ≤ TJ ≤ 125°C
20
110
Gm
Error Amplifier
Transconductance
VCOMP = 1.4V, IEAO = 100µA
(Source/Sink)
600
800
1000
µS
VCOMP = 1.4V, IEAO = 100µA
(Source/Sink),
−40°C ≤ TJ ≤ 125°C
365
1265
AVOL
Error Amplifier Voltage
Gain
VCOMP = 1.4V, IEAO = 100µA
(Source/Sink)
38
V/V
VCOMP = 1.4V, IEAO = 100µA
(Source/Sink),
−40°C ≤ TJ ≤ 125°C
26
44
IEAO
Error Amplifier Output
Current (Source/ Sink)
Source, VCOMP = 1.4V, VFB = 0V
80
110
140
µA
Source, VCOMP = 1.4V, VFB = 0V, −40°C
≤ TJ ≤ 125°C
50
180
Sink, VCOMP = 1.4V, VFB = 1.4V
−100
−140
−180
µA
Sink, VCOMP = 1.4V, VFB = 1.4V, −40°C
≤ TJ ≤ 125°C
−85
−185
VEAO
Error Amplifier Output
Voltage Swing
Upper Limit, VFB = 0V, COMP Pin =
Floating
2.2
V
Upper Limit, VFB = 0V, COMP Pin =
Floating,
−40°C ≤ TJ ≤ 125°C
1.8
2.4
Lower Limit, VFB = 1.4V
0.56
V
Lower Limit, VFB = 1.4V, −40°C ≤ TJ ≤
125°C
0.2
1.0
TSS
Internal Soft-Start Delay
VFB = 1.2V, VCOMP = Floating
4
ms
Tr
Drive Pin Rise Time
Cgs = 3000pf, VDR = 0 to 3V
25
ns
Tf
Drive Pin Fall Time
Cgs = 3000pf, VDR = 0 to 3V
25
ns
VSD
Shutdown threshold (6)
Output = High
1.27
V
Output = High,
−40°C ≤ TJ ≤ 125°C
1.4
Output = Low
0.65
V
Output = Low,
−40°C ≤ TJ ≤ 125°C
0.3
ISD
Shutdown Pin Current
VSD = 5V
−1
µA
VSD = 0V
+1
IFB
Feedback Pin Current
15
nA
TSD
Thermal Shutdown
165
°C
Tsh
Thermal Shutdown
Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com