Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6702MA/NOPB
Description  LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6702MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6702MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
4
3
2
7
6
LMH6702
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8µF
RG
RF
.01µF
6.8µF
CNEG
.01µF
RT
25:
0.1µF
CSS
SELECT RT TO
YIELD DESIRED
RIN = RT||RG
AV =
VOUT
VIN
RF
RG
=
4
3
2
7
6
LMH6702
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8µF
RG
RF
.01µF
6.8µF
CNEG
.01µF
RIN
0.1µF
CSS
AV = 1 +RF/RG = VOUT/VIN
13
LMH6702
www.ti.com
SNOSA03H – NOVEMBER 2002 – REVISED MAY 2016
Product Folder Links: LMH6702
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMH6702 achieves its excellent pulse and distortion performance by using the current feedback topology.
The loop gain for a current feedback op amp, and hence the frequency response, is predominantly set by the
feedback resistor value. The LMH6702 is optimized for use with a 237-
Ω feedback resistor. Using lower values
can lead to excessive ringing in the pulse response while a higher value will limit the bandwidth.
8.2 Typical Application
8.2.1 Feedback Resistor
The LMH6702 achieves its excellent pulse and distortion performance by using the current feedback topology.
The loop gain for a current feedback op amp, and hence the frequency response, is predominantly set by the
feedback resistor value. The LMH6702 is optimized for use with a 237-
Ω feedback resistor. Using lower values
can lead to excessive ringing in the pulse response while a higher value will limit the bandwidth.
Figure 24. Recommended Non-Inverting Gain Circuit
Figure 25. Recommended Inverting Gain Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com