Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6702MA/NOPB
Description  LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6702MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6702MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
LMH6702
SNOSA03H – NOVEMBER 2002 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMH6702
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Feature Description................................................. 11
7.3
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Application ................................................. 13
9
Power Supply Recommendations ...................... 15
10
Layout................................................................... 15
10.1
Layout Guidelines ................................................. 15
10.2
Layout Example .................................................... 16
11
Device and Documentation Support ................. 17
11.1
Documentation Support ....................................... 17
11.2
Community Resources.......................................... 17
11.3
Trademarks ........................................................... 17
11.4
Electrostatic Discharge Caution ............................ 17
11.5
Glossary ................................................................ 17
12
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (October 2014) to Revision H
Page
•
Updated Thermal Information ................................................................................................................................................. 4
•
Changed non-inverting input bias (with no test conditions) current maximum value from ±15 µA to –15 µA........................ 6
•
Changed non-inverting input bias (-40
≤ TJ ≤ 85) current maximum value from ±21 µA to –21 µA ...................................... 6
•
Added Community Resources section ................................................................................................................................. 17
Changes from Revision F (March 2013) to Revision G
Page
•
Added, updated, or renamed the following sections: Device Information; Specifications; Application and
Implementation; Power Supply Recommendations; Layout; Device and Documentation Support; Mechanical,
Packaging, and Ordering Information .................................................................................................................................... 1
•
Changed ±5 V to ±4 V in Recommended Operating Conditions............................................................................................ 4
Changes from Revision E (March 2013) to Revision F
Page
•
Changed layout of National Data Sheet to TI format ............................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com