Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6702MA/NOPB
Description  LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6702MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6702MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
N/C
OUT
N/C
-
+
OUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
3
LMH6702
www.ti.com
SNOSA03H – NOVEMBER 2002 – REVISED MAY 2016
Product Folder Links: LMH6702
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
D Package
8-Pin SOIC
Top View
NC: No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
D
DBV
-IN
2
4
I
Inverting input voltage
+IN
3
3
I
Non-inverting input voltage
N/C
1, 5, 8
–
–
No connection
OUT
6
1
O
Output
V-
4
2
I
Negative supply
V+
7
5
I
Positive supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com