Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6702MA/NOPB
Description  LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6702MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6702MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
LMH6702
SNOSA03H – NOVEMBER 2002 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMH6702
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum output current (IOUT) is determined by device power dissipation limitations.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VS
±6.75
V
IOUT
See(3)
Common mode input voltage
V− to V+
V
Maximum junction temperature
150
°C
Storage temperature
−65
150
°C
Soldering information
Infrared or convection (20 s)
235
°C
Wave soldering (10 s)
260
°C
(1)
Human body model: 1.5 k
Ω in series with 100 pF. JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a
standard ESD control process. Manufacturing with less than 2000-V HBM is possible with the necessary precautions. Pins listed as
±2000 V may actually have higher performance.
(2)
Machine model: 0
Ω in series with 200 pF. JEDEC document JEP157 states that 200-V MM allows safe manufacturing with a standard
ESD control process. Manufacturing with less than 200-V MM is possible with the necessary precautions. Pins listed as ±200 V may
actually have higher performance.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Machine Model (MM), per JEDEC specification JESD22-C101, all pins(2)
±200
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Operating temperature
−40
85
°C
Nominal supply voltage
±4
±6
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
LMH6702
UNIT
DBV (SOT-23)
D (SOIC)
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
182
133
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
139
79
°C/W
RθJB
Junction-to-board thermal resistance
40
73
°C/W
ψJT
Junction-to-top characterization parameter
28
28
°C/W
ψJB
Junction-to-board characterization parameter
40
73
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com