Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55231 Datasheet(PDF) 32 Page - Texas Instruments

Part # LP55231
Description  LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55231 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 28Page - Texas Instruments LP55231 Datasheet HTML 29Page - Texas Instruments LP55231 Datasheet HTML 30Page - Texas Instruments LP55231 Datasheet HTML 31Page - Texas Instruments LP55231 Datasheet HTML 32Page - Texas Instruments LP55231 Datasheet HTML 33Page - Texas Instruments LP55231 Datasheet HTML 34Page - Texas Instruments LP55231 Datasheet HTML 35Page - Texas Instruments LP55231 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
32
LP55231
SNOSCR5D – MARCH 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
•
10 = forced to 1.5× mode; output voltage is boosted to 4.5 V.
•
11 = automatic mode selection.
•
36 — Bit [2] PWM_PS_EN
•
Enables PWM powersave operation. Significant power savings can be achieved, for example, during ramp
instruction.
•
36 — Bits [1:0] CLK_DET_EN and INT_CLK_EN
•
Program execution is clocked with an internal 32.7-kHz clock or with external clock. Clocking is controlled
with bits INT_CLK_EN and CLK_DET_EN in the following way:
•
00 = forced external clock (CLK pin).
•
01 = forced internal clock.
•
10 = automatic selection.
•
11 = internal clock.
•
External clock can be used if a clock signal is present on CLK-pin. External clock frequency must be 32.7 kHz
for correct operation. If a higher or a lower frequency is used, it affects the program execution engine
operation speed. The detector block does not limit the maximum frequency. External clock status can be
checked with read only bit EXT_CLK_USED in register address 3A, when the external clock detection is
enabled (Bit [1] CLK_DET_EN = high).
•
If external clock is not used in the application, CLK pin must be connected to GND to avoid oscillation on this
pin and extra current consumption.
37 ENGINE1 PC
•
Program counter starting value for program execution engine 1; A value from 0000000 to 1011111. The
maximum value depends on program memory allocation between the three program execution engines.
38 ENGINE2 PC
•
38 — Bits [6:0] PC
•
Program counter starting value for program execution engine 2; A value from 0000000 to 1011111.
39 ENGINE3 PC
•
39 — Bits [6:0] PC
•
Program counter starting value for program execution engine 3; A value from 0000000 to 1011111.
3A STATUS/INTERRUPT
•
3A — Bit [7] LEDTEST_MEAS_DONE
•
This bit indicates when the LED test is done, and the result is written to the LED TEST ADC register.
Typically the conversion takes 2.7 milliseconds to complete.
•
1 = LED test done.
•
0 = LED test not done.
•
This bit is a read-only bit, and it is cleared (to 0) automatically after a read operation.
•
3A — Bit [6] MASK_BUSY
•
Mask bit for interrupts generated by START-UP_BUSY or ENGINE_BUSY.
•
1 = Interrupt events are masked; that is, no external interrupt is generated from START-UP_BUSY or
ENGINE_BUSY event (default).
•
0 = External interrupt is generated when START-UP_BUSY or ENGINE_BUSY condition is no longer true.
Reading the register 3A clears the status bits [5:4] and releases INT pin to high state.
•
3A — Bit [5] START-UP_BUSY
•
A status bit which indicates that the device is running the internal start-up sequence. See Modes Of Operation
for details.
•
1 = internal start-up sequence running. Note: START-UP_BUSY = 1 always when CHIP_EN bit is 0.
•
0 = internal start-up sequence completed.
•
3A — Bit [4] ENGINE_BUSY
•
A status bit which indicates that a program execution engine is clearing internal registers. Serial bus master
should not write or read program memory, or registers 00H, 37H to 39H or 4CH to 4EH, when this bit is set to
1.
•
1 = at least one of the engines is clearing internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com